Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 5 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 5 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
30
IRS
This terminal selects the resistors for the V0 voltage level adjustment.
IRS = “H”: Use the internal resistors
IRS = “L”: Do not use the internal resistors. The V0 voltage level is
regulated by an external resistive voltage divider attached to the VR
Contour Drawing
The non-specified tolerance of dimension is ¡ Ó
0.3 mm .
SCALE:2/1
17.6
15.5¡ Ó
0.1
89.7¡ Ó
0.5
82.7¡ Ó
0.1
75.7
74.0 (LCD) Min
66.8 (V.A)
63.98(A.A)
36.05¡ Ó
0.5
0.3¡ Ó
0.05
6.0¡ Ó
0.3
2.0 max
Pull Tape
Stiffener
Black tape
4.1
200¡ Ó
15
Contact side
2-0.7¡ Ó
0.07
2.85
0.8Max
(44.85)
12.86¡ Ó
0.7
11.45Max
2-7.0
3.5
7.85
128*64 Dots
37.1¡ Ó
0.5
4-R3.
5
0.48
0.50
DOT SIZE
SCALE:20/1
FPC
BACKSIDE
15.5¡ Ó
0.1
0.5¡ Ó
0.15
P0.5*29=14.5¡ Ó
0.1
0.35¡ Ó
0.05
(68.3)
3.7
3.7
C0
S131
S4
C31
C32
C63
Silicone
(44.85)
2-R0.3
Page 5 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com