| Electronic Components Datasheet Search |
|
ADSP-CM403CSWZ-CF Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-CM403CSWZ-CF Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 124 page ![]() Rev. A | Page 7 of 124 | November 2015 ADSP-CM402F/CM403F/CM407F/CM408F/CM409F ARM CORTEX-M4 CORE The ARM Cortex-M4, core shown in Figure 6, is a 32-bit reduced instruction set computer (RISC). It uses 32-bit buses for instruction and data. The length of the data can be 8 bits, 16 bits, or 32 bits. The length of the instruction word is 16 or 32 bits. The controller has the following features. Cortex-M4 Architecture • Thumb-2 ISA technology • DSP and SIMD extensions • Single cycle MAC (Up to 32 × 32 + 64 → 64) • Hardware divide instructions • Single-precision FPU • NVIC interrupt controller (129 interrupts and 16 priorities) • Memory protection unit (MPU) •Full CoreSight TM debug, trace, breakpoints, watchpoints, and cross-triggers Microarchitecture • 3-stage pipeline with branch speculation • Low-latency interrupt processing with tail chaining Configurable For Ultra Low Power • Deep sleep mode, dynamic power management • Programmable clock generator unit EmbeddedICE EmbeddedICE TM provides integrated on-chip support for the core. The EmbeddedICE module contains the breakpoint and watchpoint registers that allow code to be halted for debugging purposes. These registers are controlled through the JTAG test port. When a breakpoint or watchpoint is encountered, the processor halts and enters debug state. Once in a debug state, the proces- sor registers can be inspected as well as the Flash/EE, SRAM, and memory-mapped registers. Figure 6. Cortex-M4 Block Diagram NVIC NESTED VECTORED INTERRUPT CONTROLLER MPU MEMORY PROTECTION UNIT BUS MATRIX DAP DEBUG ACCESS PORT ARM CORTEX M4F PROCESSOR CORE WITH FPU ETM EMBEDDED TRACE MACRO CELL ETM TRACE INTERFACE ITM TRACE INTERFACE INTERRUPT AND POWER CONTROL SWD/JTAG DEBUG INTERFACE FPB FLASH PATCH BREAKPOINT DWT DATA WATCHPOINT AND TRACE ITM INSTRUMENTATION TRACE MACRO CELL PPB DEBUG BUS INTERFACE ICODE INTERFACE DCODE INTERFACE SYSTEM INTERFACE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |