Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-CM403CSWZ-CF Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-CM403CSWZ-CF
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM403CSWZ-CF Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-CM403CSWZ-CF Datasheet HTML 6Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 7Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 8Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 9Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 10Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 11Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 12Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 13Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
Rev. A
|
Page 10 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
System Region
Accesses in this region (0xE000_0000 to 0xF7FF_FFFF) are per-
formed by the ARM Cortex-M4F core on its SYS interface, and
are handled within the Cortex-M4F platform. The MPU may be
programmed to limit access to this space to privileged mode
only.
• CoreSight ROM. The ROM table entries point to the
debug components of the processor.
• ARM PPB Peripherals. This space is defined by ARM and
occupies the bottom 256K byte of the SYS region
(0xE000_0000 to 0xE004_0000). The space supports
read/write access by the M4F core to the ARM core’s inter-
nal peripherals (MPU, ITM, DWT, FPB, SCS, TPIU, ETM)
and the CoreSight ROM. It is not accessible by system
DMA.
• Platform Control Registers. This space has registers
within the Cortex-M4F platform integration component
that control the ARM core, its memory, and the code cache.
It is accessible by the M4F core via its SYS port (but is not
accessible by system DMA).
Static Memory Controller (SMC)
The SMC can be programmed to control up to four banks of
external memories or memory-mapped devices, with very flexi-
ble timing parameters. On ADSP-CM407F/CM408F/CM409F
processors, each bank can occupy a 32M byte segment regard-
less of the size of the device used.
Booting (BOOT)
The processor has several mechanisms for automatically loading
internal and external memory after a reset. The boot mode is
defined by the SYS_BMODE input pins dedicated for this pur-
pose. There are two categories of boot modes. In master boot
modes, the processor actively loads data from a serial memory.
In slave boot modes, the processor receives data from external
host devices.
The boot modes are shown in Table 2. These modes are imple-
mented by the SYS_BMODE bits of the RCU_CTL register and
are sampled during power-on resets and software-initiated
resets.
SYSTEM ACCELERATION
The following sections describe the system acceleration blocks
of the ADSP-CM40xF processors.
Harmonic Analysis Engine (HAE)
The harmonic analysis engine (HAE) block receives 8 kHz input
samples from two source signals whose frequencies are between
45 Hz and 65 Hz. The HAE will then process the input samples
and produce output results. The output results consist of power
quality measurements of the fundamental and up to 12 select-
able harmonics.
Sinus Cardinalis Filter (SINC)
The SINC module processes four bit streams using a pair of
configurable SINC filters for each bitstream. The purpose of the
primary SINC filter of each pair is to produce the filtered and
decimated output for the pair. The output may be decimated to
any integer rate between 8 and 256 times lower than the input
rate. Greater decimation allows greater removal of noise and
therefore greater ENOB.
Optional additional filtering outside the SINC module may be
used to further increase ENOB. The primary SINC filter output
is accessible through transfer to processor memory, or to
another peripheral, via DMA.
Each of the four channels is also provided with a low-latency
secondary filter with programmable positive and negative over-
range detection comparators. These limit detection events can
be used to interrupt the core, generate a trigger, or signal a sys-
tem fault.
SECURITY FEATURES
The processor provides lightweight security functionality which
protects sensitive data and IP located in the internal flash mem-
ory. It includes password-protected slave boot modes (SPI and
UART), as well as password-protected JTAG/SWD debug inter-
faces. One of the safeguards of the security feature is the ability
to perform bulk erase of the entire flash memory. Another secu-
rity measure provides the ability to control which boot modes
are allowed so as to protect the flash contents from untrusted or
non-secure boot modes. Programs can enable or disable security
features depending upon the secure header configured in inter-
nal flash memory.
Table 2. Boot Modes
SYS_BMODE[1:0]
Setting
Description
00
No Boot/Idle. The processor does not boot.
Rather the boot kernel executes an IDLE
instruction.
01
Flash Boot. Boot from integrated Flash
memory through the SPI2.
10
SPI Slave Boot. Boot through the SPI0
peripheral configured as a slave.
11
UART Boot. Boot through the UART0
peripheral configured as a slave.
CAUTION
This product includes security features that can be
used to protect embedded nonvolatile memory
contents and prevent execution of unauthorized
code. When security is enabled on this device
(either by the ordering party or the subsequent
receiving parties), the ability of Analog Devices to
conduct failure analysis on returned devices is
limited. Contact Analog Devices for details on the
failure analysis limitations for this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com