Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-CM403CSWZ-CF Datasheet(PDF) 75 Page - Analog Devices

Part # ADSP-CM403CSWZ-CF
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM403CSWZ-CF Datasheet(HTML) 75 Page - Analog Devices

Back Button ADSP-CM403CSWZ-CF Datasheet HTML 71Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 72Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 73Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 74Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 75Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 76Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 77Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 78Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
Rev. A
|
Page 75 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
ABSOLUTE MAXIMUM RATINGS
Stresses at or above those listed in Table 31 may cause perma-
nent damage to the product. This is a stress rating only;
functional operation of the product at these or any other condi-
tions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
ESD SENSITIVITY
PACKAGE INFORMATION
The information presented in Figure 23 and Table 33 provides
details about package branding. For a complete listing of prod-
uct availability, see Ordering Guide on Page 124.
Table 31. Absolute Maximum Ratings
Parameter
Rating
Internal Supply Voltage (VDD_INT)
–0.33 V to +1.32 V
External (I/O) Supply Voltage (VDD_EXT) –0.33 V to +3.63 V
Analog Supply Voltage (VDD_ANA)
–0.33 V to +3.63 V
Digital Input Voltage
1, 2
1 Applies to 100% transient duty cycle. For other duty cycles, see Table 32.
2 Applies only when V
DD_EXT is within specifications. When VDD_EXT is outside speci-
fications, the range is VDD_EXT ± 0.2 V.
–0.33 V to +3.63 V
TWI Digital Input Voltage
1, 2, 3
3 Applies to pins TWI_SCL and TWI_SDA.
–0.33 V to +5.50 V
Digital Output Voltage Swing
–0.33 V to VDD_EXT + 0.5 V
Analog Input Voltage4
4 Applies only when VDD_ANA is within specification. When VDD_ANA is outside speci-
fications, the range is VDD_ANA ± 0.2 V.
–0.33 V to +3.63 V
Voltage Reference Input Voltage
(VREF0, VREF1)
4
–0.33 V to +2.75 V
USB0_Dx Input
–0.33 V to +5.25 V
USB0_VBUS Input Voltage
–0.33 V to +6.00 V
IOH/IOL Current per Signal
1
6 mA (max)
Storage Temperature Range
–65°C to +150°C
Junction Temperature While Biased
+125°C
Table 32. Maximum Duty Cycle for Input Transient Voltage1
1 Applies to all signal pins with the exception of SYS_CLKIN, SYS_XTAL,
USB0_DP, USB0_DM, USB0_VBUS, and TWI signals.
Maximum Duty Cycle (%)2
2 Applies only when V
DD_EXT is within specifications. When VDD_EXT is outside
specifications, the range is VDD_EXT ± 0.2 V.
VIN Min (V)
3
3 The individual values cannot be combined for analysis of a single instance of
overshoot or undershoot. The worst case observed value must fall within one of
the specified voltages, and the total duration of the overshoot or undershoot
(exceeding the 100% case) must be less than or equal to the corresponding duty
cycle.
VIN Max (V)
3
100
–0.33
+3.63
50
–0.46
+3.78
40
–0.52
+3.85
25
–0.63
+3.96
20
–0.67
+3.99
15
–0.70
+4.03
10
–0.73
+4.07
Figure 23. Product Information on Package1
1 Exact brand may differ, depending on package type.
Table 33. Package Brand Information
Brand Key
Field Description
ADSP-CM40xF
Product model
t
Temperature range
pp
Package type
Z
RoHS compliant designation
cc
See Ordering Guide
vvvvvv.x
Assembly lot code
n
Silicon revision
yyww
Date code
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.
ADSP-CM40xF
a
#yyww country_of_origin
vvvvvv.x-n
tppZ-cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com