Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-CM403CSWZ-CF Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-CM403CSWZ-CF
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM403CSWZ-CF Datasheet(HTML) 1 Page - Analog Devices

  ADSP-CM403CSWZ-CF Datasheet HTML 1Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 2Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 3Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 4Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 5Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 6Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 7Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 8Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
Mixed-Signal Control Processor
with ARM Cortex-M4 and 16-Bit ADCs
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
SYSTEM FEATURES
Up to 240 MHz ARM Cortex-M4 with floating-point unit
24-channel analog front end (AFE) with 16-bit ADCs
128K Byte to 384K Byte zero-wait-state L1 SRAM with
16K Byte L1 cache
Up to 2M Byte flash memory
Single 3.3 V power supply
Package Options:
176-lead (24 mm × 24 mm) LQFP package
120-lead (14 mm × 14 mm) LQFP package
212-ball (19 mm × 19 mm) BGA package
Static memory controller (SMC) with asynchronous memory
interface that supports 8-bit and 16-bit memories
Enhanced PWM units
Four 3rd/4th order SINC filter pairs for glueless connection of
sigma-delta modulators
Hardware-based harmonic analysis engine
10/100 Ethernet MAC with IEEE 1588v2 support
Full Speed USB on-the-go (OTG)
Two CAN (controller area network) 2.0B interfaces
Three UART ports
Two serial peripheral interface (SPI-compatible) ports
Three/four synchronous serial ports
Eight 32-bit GP timers, three capture timing units
Four encoder interfaces, 2 with frequency division
One TWI unit, fully compatible with I
2C bus standard
Lightweight security
ANALOG FRONT END
Two 16-bit SAR ADCs with up to 24 multiplexed inputs,
supporting dual simultaneous conversion in 380 ns (16-bit,
no missing codes)
ADC controller (ADCC) and DAC controller (DACC)
Two 12-bit DACs
Two 2.5 V precision voltage reference outputs
(For details, see ADC/DAC Specifications on Page 68)
Figure 1. Block Diagram
UP TO 2M BYTE
FLASH
(EXECUTABLE)
L1 CACHE
16K BYTE
L1 INSTRUCTION
CACHE
SYSTEM CONTROL BLOCKS
PERIPHERALS
HARDWARE FUNCTIONS
L3 MEMORY
SYSTEM FABRIC
1× EMAC WITH
IEEE 1588
(OPTIONAL)
2x SPORT
2× CAN
STATIC MEMORY
CONTROLLER
ASYNC INTERFACE
2× SPI
4× QUADRATURE
ENCODER
8× TIMER
12× PWM PAIRS
1× TWI / I
2C
USB FS OTG
(OPTIONAL)
L1 MEMORY
UP TO 384K BYTE
PARITY-ENABLED
ZERO-WAIT-STATE SRAM
JTAG, SWD,
CoreSight™ TRACE
EVENT
CONTROL
SYSTEM
WATCHDOGS
PLL & POWER
MANAGEMENT
FAULT
MANAGEMENT
3× UART
ADCC
DACC
HARMONIC ANALYSIS ENGINE
(HAE)
ANALOG FRONT END
2× ADC
2× DAC
SINC FILTERS
SECURITY
Cortex-M4
3× CPTMR


Similar Part No. - ADSP-CM403CSWZ-CF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-CM403F AD-ADSP-CM403F Datasheet
487Kb / 74P
Analog Devices
Revision 1.0, September 2013
More results

Similar Description - ADSP-CM403CSWZ-CF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
Analog Devices
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
32-bit ARM Cortex-M4 microcontroller
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Analog Devices
MAX32662 AD-MAX32662 Datasheet
1Mb / 80P
Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 80KB SRAM
Rev 0; 1/23
logo
BCM Advanced Research.
AR8MXMQ BCM-AR8MXMQ Datasheet
591Kb / 1P
NXP i.MX 8M ARM Motherboard supports Cortex A53/ Cortex M4, Quad Core Processor
2021/06/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com