Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B2563XE Datasheet(PDF) 6 Page - EPCOS

Part # B2563XE
Description  Film Capacitors - Power Electronic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B2563XE Datasheet(HTML) 6 Page - EPCOS

Back Button B2563XE Datasheet HTML 2Page - EPCOS B2563XE Datasheet HTML 3Page - EPCOS B2563XE Datasheet HTML 4Page - EPCOS B2563XE Datasheet HTML 5Page - EPCOS B2563XE Datasheet HTML 6Page - EPCOS B2563XE Datasheet HTML 7Page - EPCOS B2563XE Datasheet HTML 8Page - EPCOS B2563XE Datasheet HTML 9Page - EPCOS B2563XE Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Film Capacitors - Power Electronic Capacitors
B2563xE*
Power Electronic Capacitors
MKP DC ULSI HF
CAP PW PD
July 2022
Please read Cautions and warnings and
Page 6 of 13
Important notes at the end of this document.
Ambient temperature
TA
Temperature of the surrounding air, measured at 10 cm distance and 2/3 of the case height of the capacitor.
Lowest operating temperature Top,min
Lowest permitted ambient temperature at which a capacitor may be energized.
Maximum operating temperature Top,max
Highest permitted capacitor temperature during operation, i.e. temperature at the hottest point of the case.
Hot-spot temperature Ths
Temperature zone inside of the capacitor at hottest spot.
Ths =TA+ IRMS2 ∙ ESR ∙ Rth
Tangent of the loss angle of a capacitor tan δ
Ratio between the equivalent series resistance and the capacitive reactance of a capacitor at a specified
sinusoidal alternating voltage, frequency and temperature.
Series resistance Rs
The sum of all ohmic resistances occurring inside the capacitor.
ESR
ESR (Equivalent Series Resistance) which if connected in series with an ideal capacitor of capacitance value
equal to that of the capacitor in question, would have a power loss equal to active power dissipated in that
capacitor under specified operating conditions.
ESR =
C
⋅
ω
δ
tan =
C
R
s
⋅
+
ω
δ
0
tan
Thermal resistance Rth
The thermal resistance indicates by how many degrees the capacitor temperature at the hot spot rises in
relation to the dissipation losses.
Maximum power loss Pmax
Maximum permissible power dissipation for the capacitor’s operation.
Pmax
=
th
R
A
hs
T
T −
Self inductance Lself
The sum of all inductive elements which are contained in a capacitor.
Resonance frequency fr
The lowest frequency at which the impedance of the capacitor becomes minimum.
fr
=
R
self C
L
2
1
⋅
⋅
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com