Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B2563XE Datasheet(PDF) 3 Page - EPCOS

Part # B2563XE
Description  Film Capacitors - Power Electronic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B2563XE Datasheet(HTML) 3 Page - EPCOS

  B2563XE Datasheet HTML 1Page - EPCOS B2563XE Datasheet HTML 2Page - EPCOS B2563XE Datasheet HTML 3Page - EPCOS B2563XE Datasheet HTML 4Page - EPCOS B2563XE Datasheet HTML 5Page - EPCOS B2563XE Datasheet HTML 6Page - EPCOS B2563XE Datasheet HTML 7Page - EPCOS B2563XE Datasheet HTML 8Page - EPCOS B2563XE Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Film Capacitors - Power Electronic Capacitors
B2563xE*
Power Electronic Capacitors
MKP DC ULSI HF
CAP PW PD
July 2022
Please read Cautions and warnings and
Page 3 of 13
Important notes at the end of this document.
1.1 Structure of ordering code
1.2 Label information
The label explanation is following:
10 Z 2022: Production in TDK Electronics Zhuhai factory 2022 year, calendar week 10;
Bar code consists of lot number and serial number:
Lot number: 9 digits (ex.:
905887304)
Serial number: 3 digits (ex.:
001)
Terminal type:
1 = Male M8
2 = Female M5
3 = Female M6
9 = special
B2563 1 E 1 127 K 100
MKP DC ULSI series
Rated voltage: 110 • 10 = 1100 V
Capacitance tolerance
J = ± 5%
K = ± 10%
A = special
Generation:
E = ULSI HF
S = special
Rated capacitance:
127 = 12 · 107 pF = 120 µF
706 = 70 · 106 pF = 70 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com