Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B2563XE Datasheet(PDF) 2 Page - EPCOS

Part # B2563XE
Description  Film Capacitors - Power Electronic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B2563XE Datasheet(HTML) 2 Page - EPCOS

  B2563XE Datasheet HTML 1Page - EPCOS B2563XE Datasheet HTML 2Page - EPCOS B2563XE Datasheet HTML 3Page - EPCOS B2563XE Datasheet HTML 4Page - EPCOS B2563XE Datasheet HTML 5Page - EPCOS B2563XE Datasheet HTML 6Page - EPCOS B2563XE Datasheet HTML 7Page - EPCOS B2563XE Datasheet HTML 8Page - EPCOS B2563XE Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Film Capacitors - Power Electronic Capacitors
B2563xE*
Power Electronic Capacitors
MKP DC ULSI HF
CAP PW PD
July 2022
Please read Cautions and warnings and
Page 2 of 13
Important notes at the end of this document.
1.Construction and general data
Characteristics
Capacitance tolerance
K: ±10%
Dielectric dissipation factor (tan δo)
2 • 10-4
Service life expectancy tLD (co)
100000 h at Ths +70 °C and VRDC
Up to 200000 h
(Considering deratings in voltage and/or temperature upon request)
Expected Fit rate αFQ (co)
100 Fit at VRDC and 70 °C
Storage temperature Tstg
-40 ... +85 °C
Minimum temperature Top,min.
-40 °C
Maximum temperature Top,max.
+85 °C
Maximum hotspot temperature Ths
+85 °C
Climatic category
40/85/56
Maximum altitude
2000 m above sea level
(derating curves for altitudes higher than 2000 pm available upon
request)
Safety device
No internal protection
Clearance distance between terminals 28 mm (typical value)
Creepage distance between terminals 35 mm (typical value)
Test data
Voltage between terminals VTT
1.5 • VRDC, 10 s
Dissipation factor tan δ (100 Hz)
≤ 1.0 • 10-3
Life test
According to IEC 61071-2017
Cooling
Naturally air-cooled (or forced air cooling)
Degree of protection
IP00 (indoor mounting)
Design data
Resin filling
Non PCB, hard polyurethane (dry type)
Mounting
Lateral brackets
Cooling
Naturally air-cooled (or forced air cooling)
Max. torque terminal
Male M8: 8 Nm
Female M5: 2.5 Nm
Reference standards
IEC 61071-2017, GB/T 17702-2021
RoHS and CE compliance
UL 94 V0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com