Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B2563XE Datasheet(PDF) 5 Page - EPCOS

Part # B2563XE
Description  Film Capacitors - Power Electronic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B2563XE Datasheet(HTML) 5 Page - EPCOS

  B2563XE Datasheet HTML 1Page - EPCOS B2563XE Datasheet HTML 2Page - EPCOS B2563XE Datasheet HTML 3Page - EPCOS B2563XE Datasheet HTML 4Page - EPCOS B2563XE Datasheet HTML 5Page - EPCOS B2563XE Datasheet HTML 6Page - EPCOS B2563XE Datasheet HTML 7Page - EPCOS B2563XE Datasheet HTML 8Page - EPCOS B2563XE Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Film Capacitors - Power Electronic Capacitors
B2563xE*
Power Electronic Capacitors
MKP DC ULSI HF
CAP PW PD
July 2022
Please read Cautions and warnings and
Page 5 of 13
Important notes at the end of this document.
Terms and characteristics
The following definitions apply to power capacitors according to IEC 61071.
Rated capacitance CR
Nominal value of the capacitance at 20 °C and measuring frequency of 100 Hz.
Rated DC voltage
VRDC
Maximum operating peak voltage of either polarity but of a non-reversing type wave form, for which the
capacitor has been designed, for continuous operation.
Ripple voltage Vripple
Peak-to-peak alternating component of the unidirectional voltage.
This value must not exceed 0.28
• VRDC
Maximum surge voltage Vs
Peak voltage induced by a switching or any other disturbance of the system which is allowed for a limited
number of times and short period.
Insulation voltage Vi
RMS rated value of the insulation voltage of capacitive elements and terminals to case or earth. When it is not
specified in the product data sheet, the insulation voltage is at least:
Vi
=
2
V
RDC
AC voltage test between terminals and case VTC
Units having all terminals insulated from the container shall be subjected for 10 s to a voltage applied between
the terminals (joined together) and the container.
Maximum rate of voltage rise (dv/dt
)max
Maximum permissible repetitive rate of voltage rise of the operational voltage.
Maximum current Imax
Maximum RMS current for continuous operation for the given frequency range and for the maximum ripple
voltage. Please provide Frequency Spectrum of RMS current to your sales contact.
Maximum peak current Î
Maximum permissible repetitive current amplitude during continuous operation.
Maximum peak current (Î) and maximum rate of voltage rise (dV/dt)max on a capacitor are related as follows:
Î
= C ∙ (dv/dt)max
Maximum surge current Î s
Admissible peak current induced by a switching or any other disturbance of the system which is allowed for a
limited number of times and short period.
Îs
= C ∙ (dv/dt)s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com