Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G79GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G79GS
Description  Single D-type flip-flop; positive-edge trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G79GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G79GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G79GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G79GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G79GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G79GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G79GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G79GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G79GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G79GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74LVC1G79 provides a single positive-edge triggered D-type flip-flop.
Information on the data input is transferred to the Q-output on the LOW-to-HIGH transition
of the clock pulse. The D-input must be stable one set-up time prior to the LOW-to-HIGH
clock transition for predictable operation.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this
device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
24 mA output drive (V
CC =3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
 Specified from
40 Cto+85 C and 40 Cto+125 C.
74LVC1G79
Single D-type flip-flop; positive-edge trigger
Rev. 12 — 5 December 2016
Product data sheet


Similar Part No. - 74LVC1G79GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G79GS NEXPERIA-74LVC1G79GS Datasheet
275Kb / 19P
Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
More results

Similar Description - 74LVC1G79GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G79 PHILIPS-74AHC1G79 Datasheet
83Kb / 12P
Single D-type flip-flop; positive-edge trigger
1999 May 18
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
Single D-type flip-flop; positive-edge trigger
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
Single D-type flip-flop; positive-edge trigger
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com