Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1073CS8 Datasheet(PDF) 7 Page - Analog Devices

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1073CS8 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT1073CS8 Datasheet HTML 3Page - Analog Devices LT1073CS8 Datasheet HTML 4Page - Analog Devices LT1073CS8 Datasheet HTML 5Page - Analog Devices LT1073CS8 Datasheet HTML 6Page - Analog Devices LT1073CS8 Datasheet HTML 7Page - Analog Devices LT1073CS8 Datasheet HTML 8Page - Analog Devices LT1073CS8 Datasheet HTML 9Page - Analog Devices LT1073CS8 Datasheet HTML 10Page - Analog Devices LT1073CS8 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LT1073
7
Rev B
APPLICATIONS INFORMATION
saturation current ratings in the 300mA to 1A range (de-
pending on application) are adequate. Lastly, the inductor
must have sufficiently low DC resistance so that excessive
power is not lost as heat in the windings. An additional
consideration is electro-magnetic interference (EMI).
Toroid and pot core type inductors are recommended in
applications where EMI must be kept to a minimum; for
example, where there are sensitive analog circuitry or
transducers nearby. Rod core types are a less expensive
choice where EMI is not a problem.
Specifying a proper inductor for an application requires
first establishing minimum and maximum input voltage,
output voltage and output current. In a step-up converter,
the inductive events add to the input voltage to produce
the output voltage. Power required from the inductor is
determined by:
PL = (VOUT + VD – VIN)(IOUT)
where VD is the diode drop (0.5V for a 1N5818 Schottky).
Maximum power in the inductor is
PL=EL• fOSC
= 1
2
L iPEAK
2 • f
OSC
where
iPEAK =
VIN
R
 1– e
–RtON
L
R = Switch equivalent resistance (1Ω maximum)
added to the DC resistance of the inductor and tON = ON
time of the switch.
At maximum VIN and ON time, iPEAK should not be al-
lowed to exceed the maximum switch current shown in
Figure 2. Some input/output voltage combinations will
cause continuous1 mode operation. In these cases a
resistor is needed between ILIM (Pin 1) and VIN (Pin 2)
to keep switch current under control. See the “Using the
ILIM Pin” section for details.
Capacitor Selection
Selecting the right output capacitor is almost as important
as selecting the right inductor. A poor choice for a filter
capacitor can result in poor efficiency and/or high output
ripple. Ordinary aluminum electrolytics, while inexpensive
and readily available, may have unacceptably poor equiva-
lent series resistance (ESR) and ESL (inductance). There
arelow-ESRaluminumcapacitorsonthemarketspecifically
designed for switch-mode DC/DC converters which work
much better than general purpose units. Tantalum capaci-
tors provide still better performance at more expense. We
recommend OS-CON capacitors from Sanyo Corporation
(SanDiego,CA).Theseunitsarephysicallyquitesmalland
have extremely low ESR. To illustrate, Figures 3, 4, and 5
showtheoutputvoltageofanLT1073basedconverterwith
three 100µF capacitors. The peak switch current is 500mA
in all cases. Figure 3 shows a Sprague 501D aluminum
capacitor. VOUT jumps by over 150mV when the switch
turns off, followed by a drop in voltage as the inductor
dumps into the capacitor. This works out to be an ESR of
over 300mΩ. Figure 4 shows the same circuit, but with a
Sprague 150D tantalum capacitor replacing the aluminum
unit. Output jump is now about 30mV, corresponding to
an ESR of 60mΩ. Figure 5 shows the circuit with an OS-
CON unit. ESR is now only 30mΩ.
In very low power applications where every microampere
is important, leakage current of the capacitor must be
considered. The OS-CON units do have leakage cur-
rent in the 5µA to 10µA range. If the load is also in the
Figure 2. Maximum Switch Current vs Input Voltage
NOTE 1: i.e., inductor current does not go to zero when the switch is off.
VIN (V)
0
1200
1000
800
600
400
200
0
1
2
3
4
1073 F02
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com