Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1073CS8 Datasheet(PDF) 8 Page - Analog Devices

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1073CS8 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT1073CS8 Datasheet HTML 4Page - Analog Devices LT1073CS8 Datasheet HTML 5Page - Analog Devices LT1073CS8 Datasheet HTML 6Page - Analog Devices LT1073CS8 Datasheet HTML 7Page - Analog Devices LT1073CS8 Datasheet HTML 8Page - Analog Devices LT1073CS8 Datasheet HTML 9Page - Analog Devices LT1073CS8 Datasheet HTML 10Page - Analog Devices LT1073CS8 Datasheet HTML 11Page - Analog Devices LT1073CS8 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LT1073
8
Rev B
APPLICATIONS INFORMATION
microampere range, a leaky capacitor will noticeably
decrease efficiency. In this type application tantalum ca-
pacitors are the best choice, with typical leakage currents
in the 1µA to 5µA range.
Diode Selection
Speed, forward drop and leakage current are the three
main considerations in selecting a catch diode for LT1073
converters. “General-purpose” rectifiers such as the
1N4001 are unsuitable for use in any switching regulator
application. Although they are rated at 1A, the switching
time of a 1N4001 is in the 10µs to 50µs range. At best,
efficiency will be severely compromised when these
diodes are used and at worst, the circuit may not work at
all. Most LT1073 circuits will be well served by a 1N5818
Schottky diode. The combination of 500mV forward drop
at 1A current, fast turn-on and turn-off time and 4µA to
10µA leakage current fit nicely with LT1073 requirements.
At peak switch currents of 100mA or less, a 1N4148 signal
diode may be used. This diode has leakage current in the
1nA to 5nA range at 25°C and lower cost than a 1N5818.
(You can also use them to get your circuit up and running,
but beware of destroying the diode at 1A switch currents.)
In situations where the load is intermittent and the LT1073
is idling most of the time, battery life can sometimes be
extended by using a silicon diode such as the 1N4933,
which can handle 1A but has leakage current of less than
1µA. Efficiency will decrease somewhat compared to a
1N5818 while delivering power, but the lower idle current
may be more important.
Step-Up (Boost Mode) Operation
A step-up DC/DC converter delivers an output voltage
higher than the input voltage. Step-up converters are
not short-circuit protected since there is a DC path from
input to output.
The usual step-up configuration for the LT1073 is shown
in Figure 6. The LT1073 first pulls SW1 low causing VIN-
VCESAT to appear across L1. A current then builds up in
L1. At the end of the switch ON time the current in L1 is2:
iPEAK =
VIN
L
tON
Figure 3. Aluminum
Figure 4. Tantalum
Figure 5. OS-CON
NOTE 2: This simple expression neglects the effect of switch and coil resistance. These are
taken into account in the “Inductor Selection” section.
Figure 6. Step-Up Mode Hookup.
(Refer to Table 1 for Component Values)
Immediately after switch turn-off, the SW1 voltage pin
starts to rise because current cannot instantaneously
stop flowing in L1. When the voltage reaches VOUT + VD,
the inductor current flows through D1 into C1, increasing
VOUT. This action is repeated as needed by the LT1073 to
keep VFB at the internal reference voltage of 212mV. R1
and R2 set the output voltage according to the formula:
VOUT = 1+
R2
R1
 212mV
(
)
50mV/DIV
20µs/DIV
50mV/DIV
20µs/DIV
50mV/DIV
20µs/DIV
VIN
+
*= OPTIONAL
R3*
L1
D1
VOUT
R1
C1
R2
1073 F06
LT1073
ILIM
VIN
SW1
FB
SW2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com