Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1073CS8 Datasheet(PDF) 1 Page - Analog Devices

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1073CS8 Datasheet(HTML) 1 Page - Analog Devices

  LT1073CS8 Datasheet HTML 1Page - Analog Devices LT1073CS8 Datasheet HTML 2Page - Analog Devices LT1073CS8 Datasheet HTML 3Page - Analog Devices LT1073CS8 Datasheet HTML 4Page - Analog Devices LT1073CS8 Datasheet HTML 5Page - Analog Devices LT1073CS8 Datasheet HTML 6Page - Analog Devices LT1073CS8 Datasheet HTML 7Page - Analog Devices LT1073CS8 Datasheet HTML 8Page - Analog Devices LT1073CS8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LT1073
1
Rev B
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Micropower
DC/DC Converter
Adjustable and Fixed 5V, 12V
TheLT®1073isaversatilemicropowerDC/DCconverter.The
device requires only three external components to deliver
a fixed output of 5V or 12V. The very low minimum supply
voltage of 1V allows the use of the LT1073 in applications
wheretheprimarypowersourceisasinglecell.Anon-chip
auxiliary gain block can function as a low-battery detector
or linear post-regulator.
Average current drain of the LT1073-5 used as shown in
theTypicalApplicationcircuitbelowisjust135µAunloaded,
making it ideal for applications where long battery life is
important. The circuit shown can deliver 5V at 40mA from
an input as low as 1.25V and 5V at 10mA from a 1V input.
The device can easily be configured as a step-up or step-
downconverter,althoughformoststep-downapplications
or input sources greater than 3V, the LT1173 is recom-
mended. Switch current limiting is user-adjustable by
adding a single external resistor. Unique reverse-battery
protection circuitry limits reverse current to safe, non-
destructive levels at reverse supply voltages up to 1.6V.
APPLICATIONS
n
No Design Required
n
Operates at Supply Voltages from 1V to 30V
n
Consumes Only 95µA Supply Current
n
Works in Step-Up or Step-Down Mode
n
Only Three External Off-the-Shelf Components
Required
n
Low-Battery Detector Comparator On-Chip
n
User-Adjustable Current Limit
n
Internal 1A Power Switch
n
Fixed or Adjustable Output Voltage Versions
n
Space-Saving 8-Pin PDIP or SO-8 Package
n
Pagers
n
Cameras
n
Single-Cell to 5V Converters
n
Battery Backup Supplies
n
Laptop and Palmtop Computers
n
Cellular Telephones
n
Portable Instruments
n
4mA to 20mA Loop Powered Instruments
n
Hand-Held Inventory Computers
n
Battery-Powered α, β, and γ Particle Detectors
L
, LTC, and LT are registered trademarks of Linear Technology Corporation.
Single-Cell to 5V Converter
Single Alkaline “AA” Cell Operating
Hours vs DC Load Current
+
1N5818
5V
40mA
100µF
SANYO
0S-CON
1073 TA01
LT1073-5
ILIM
VIN
SW1
SENSE
SW2
GND
1
2
3
4
5
8
1.5V
AA CELL*
CADDELL-BURNS
7300-12
82µH
OPERATES WITH CELL VOLTAGE ≥1V
ADD 10µF DECOUPLING CAPACITOR IF
BATTERY IS MORE THAN 2" AWAY FROM LT1073
*
LOAD CURRENT (mA)
1
1000
100
10
1
10
100
LT1073 TA02
L = 180µH
L = 82µH


Similar Part No. - LT1073CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1073CS8 LINER-LT1073CS8 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1073CS8 LINER-LT1073CS8 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073CS8-12 LINER-LT1073CS8-12 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1073CS8-12 LINER-LT1073CS8-12 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073CS8-5 LINER-LT1073CS8-5 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results

Similar Description - LT1073CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_1 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com