Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1073CS8 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1073CS8 Datasheet(HTML) 2 Page - Analog Devices

  LT1073CS8 Datasheet HTML 1Page - Analog Devices LT1073CS8 Datasheet HTML 2Page - Analog Devices LT1073CS8 Datasheet HTML 3Page - Analog Devices LT1073CS8 Datasheet HTML 4Page - Analog Devices LT1073CS8 Datasheet HTML 5Page - Analog Devices LT1073CS8 Datasheet HTML 6Page - Analog Devices LT1073CS8 Datasheet HTML 7Page - Analog Devices LT1073CS8 Datasheet HTML 8Page - Analog Devices LT1073CS8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LT1073
2
Rev B
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, Step-Up Mode .................................15V
Supply Voltage, Step-Down Mode ............................36V
SW1 Pin Voltage .......................................................50V
SW2 Pin Voltage ............................................–0.4 to VIN
Feedback Pin Voltage (LT1073)...................................5V
Switch Current.........................................................1.5A
Maximum Power Dissipation ............................. 500mW
Operating Temperature Range ..................... 0°C to 70°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Switch Off
l
95
130
µA
IQ
Quiescent Current, Step-Up
Mode Configuration
No Load
LT1073-5
LT1073-12
135
250
µA
µA
VIN
Input Voltage
Step-Up Mode
l
1.15
1.0
12.6
12.6
V
V
Step-Down Mode
l
30
V
Comparator Trip Point Voltage
LT1073 (Note 2)
l
202
212
222
mV
VOUT
Output Sense Voltage
LT1073-5 (Note 3)
LT1073-12 (Note 3)
l
l
4.75
11.4
5
12
5.25
12.6
V
V
Comparator Hysteresis
LT1073
l
5
10
mV
Output Hysteresis
LT1073-5
LT1073-12
l
l
125
300
250
600
mV
mV
fOSC
Oscillator Frequency
l
15
19
23
kHz
DC
Duty Cycle
Full Load (VFB = VREF)
l
65
72
80
%
tON
Switch ON Time
l
30
38
50
µs
IFB
Feedback Pin Bias Current
LT1073, VFB = 0V
l
10
50
nA
ISET
Set Pin Bias Current
VSET = VREF
l
60
120
nA
VAO
AO Output Low
IAO = –100µA
l
0.15
0.4
V
Reference Line Regulation
1V ≤ VIN ≤ 1.5V
1.5V ≤ VIN ≤ 12V
l
l
0.35
0.05
1.0
0.1
%V
%V
VCESAT
Switch Saturation Voltage
Set-Up Mode
VIN = 1.5V, ISW = 400mA
l
300
400
600
mV
mV
VIN = 1.5V, ISW = 500mA
l
400
550
750
mV
mV
VIN = 5V, ISW = 1A
l
700
1000
1500
mV
mV
AV
A2 Error Amp Gain
RL = 100kΩ (Note 4)
l
400
1000
V/V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.5V unless otherwise specified.
1
2
3
4
8
7
6
5
TOP VIEW
ILIM
VIN
SW1
SW2
FB (SENSE)*
SET
A0
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
*FIXED VERSIONS
TJMAX = 125°C, θJA = 100°C/W (N8)
TJMAX = 125°C, θJA = 120°C/W (S8)
ORDER PART
NUMBER
LT1073CN8
LT1073CN8-5
LT1073CN8-12
LT1073CS8
LT1073CS8-5
LT1073CS8-12
S8 PART MARKING
1073
10735
107312
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com