Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 454 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 454 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 450Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 451Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 452Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 453Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 454Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 455Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 456Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 457Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 458Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 483 page
background image
Peripherals
6.25.10 Electrical specification
6.25.10.1 UARTE electrical specification
Symbol
Description
Min.
Typ.
Max.
Units
fUARTE
Baud rate for UARTE30.
1000
kbps
tUARTE,CTSH
CTS high time
1
µs
tUARTE,START
Time from STARTRX/STARTTX task to transmission started
..
..
..
µs
6.26 WDT — Watchdog timer
A countdown watchdog timer using the low-frequency clock source (LFCLK) offers configurable and robust
protection against application lock-up.
The watchdog timer is started by triggering the START task.
The watchdog can be paused during long CPU sleep periods for low power applications and when the
debugger has halted the CPU. The watchdog is implemented as a down-counter that generates a TIMEOUT
event when it wraps over after counting down to 0. When the watchdog timer is started through the
START task, the watchdog counter is loaded with the value specified in the CRV register. This counter is
also reloaded with the value specified in the CRV register when a reload request is granted.
The watchdog’s timeout period is given by:
timeout [s] = ( CRV + 1 ) / 32768
When started, the watchdog will automatically force the 32.768 kHz RC oscillator on as long as no other
32.768 kHz clock source is running and generating the 32.768 kHz system clock, see chapter CLOCK —
Clock control on page 83.
6.26.1 Reload criteria
The watchdog has eight separate reload request registers, which shall be used to request the watchdog to
reload its counter with the value specified in the CRV register. To reload the watchdog counter, the special
value 0x6E524635 needs to be written to all enabled reload registers.
One or more RR registers can be individually enabled through the RREN register.
6.26.2 Temporarily pausing the watchdog
By default, the watchdog will be active counting down the down-counter while the CPU is sleeping and
when it is halted by the debugger. It is however possible to configure the watchdog to automatically pause
while the CPU is sleeping as well as when it is halted by the debugger.
6.26.3 Watchdog reset
A TIMEOUT event will automatically lead to a watchdog reset.
See Reset on page 65 for more information about reset sources. If the watchdog is configured to generate
an interrupt on the TIMEOUT event, the watchdog reset will be postponed with two 32.768 kHz clock
cycles after the TIMEOUT event has been generated. Once the TIMEOUT event has been generated, the
impending watchdog reset will always be effectuated.
30 High baud rates may require GPIOs to be set as High Drive, see GPIO chapter for more details.
4430_161 v1.0
454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com