Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 457 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 457 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 453Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 454Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 455Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 456Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 457Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 458Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 459Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 460Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 461Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
H G F E D C B A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
Id
RW Field
Value Id
Value
Description
DisabledOrRequested
0
RR[4] register is not enabled, or are already requesting
reload
EnabledAndUnrequested 1
RR[4] register is enabled, and are not yet requesting reload
F
R
RR5
Request status for RR[5] register
DisabledOrRequested
0
RR[5] register is not enabled, or are already requesting
reload
EnabledAndUnrequested 1
RR[5] register is enabled, and are not yet requesting reload
G
R
RR6
Request status for RR[6] register
DisabledOrRequested
0
RR[6] register is not enabled, or are already requesting
reload
EnabledAndUnrequested 1
RR[6] register is enabled, and are not yet requesting reload
H
R
RR7
Request status for RR[7] register
DisabledOrRequested
0
RR[7] register is not enabled, or are already requesting
reload
EnabledAndUnrequested 1
RR[7] register is enabled, and are not yet requesting reload
6.26.4.5 CRV
Address offset: 0x504
Counter reload value
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW CRV
[0x0000000F..0xFFFFFFFF]Counter reload value in number of cycles of the 32.768 kHz
clock
6.26.4.6 RREN
Address offset: 0x508
Enable register for reload request registers
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
H G F E D C B A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
Id
RW Field
Value Id
Value
Description
A
RW RR0
Enable or disable RR[0] register
Disabled
0
Disable RR[0] register
Enabled
1
Enable RR[0] register
B
RW RR1
Enable or disable RR[1] register
Disabled
0
Disable RR[1] register
Enabled
1
Enable RR[1] register
C
RW RR2
Enable or disable RR[2] register
Disabled
0
Disable RR[2] register
Enabled
1
Enable RR[2] register
D
RW RR3
Enable or disable RR[3] register
Disabled
0
Disable RR[3] register
Enabled
1
Enable RR[3] register
4430_161 v1.0
457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com