Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 476 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 476 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 472Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 473Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 474Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 475Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 476Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 477Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 478Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 479Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 480Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 483 page
background image
8 Recommended operating conditions
The operating conditions are the physical parameters that the chip can operate within.
Symbol
Parameter
Notes
Min.
Nom.
Max.
Units
VDD
Supply voltage, independent of DCDC enable
1.7
3.0
3.6
V
tR_VDD
Supply rise time (0 V to 1.7 V)
60
ms
TA
Operating temperature
-40
25
85
°C
Table 107: Recommended operating conditions
Important: The on-chip power-on reset circuitry may not function properly for rise times longer
than the specified maximum.
4430_161 v1.0
476



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com