Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 473 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 473 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 469Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 470Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 471Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 472Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 473Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 474Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 475Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 476Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 477Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 483 page
background image
Hardware and layout
Important: For PCB reference layouts, see Reference layout nRF52 Series.
Designator
Value
Description
Footprint
C1, C2, C11,
C12
12 pF
Capacitor, NP0, ±2%
0402
C3
0.8 pF
Capacitor, NP0, ±5%
0402
C4, C5, C8
100 nF
Capacitor, X7R, ±10%
0402
C6
N.C.
Not mounted
0402
C7
100 pF
Capacitor, NP0, ±5%
0402
C9
4.7 µF
Capacitor, X5R, ±10%
0603
C10
1.0 µF
Capacitor, X7R, ±10%
0603
L1
3.9 nH
High frequency chip inductor ±5%
0402
L2
10 µH
Chip inductor, IDC,min = 50 mA, ±20%
0603
L3
15 nH
High frequency chip inductor ±10%
0402
U1
nRF52810-QCAA Multi-protocol Bluetooth® low energy, ANT and
2.4 GHz proprietary system on chip
QFN-32
X1
32 MHz
XTAL SMD 2016, 32 MHz, Cl = 8 pF, Total Tol: ±40
ppm
XTAL_2016
X2
32.768 kHz
XTAL SMD 3215, 32.768 kHz, Cl = 9 pF, Total Tol:
±20 ppm
XTAL_3215
Table 106: Bill of material for QCAA QFN32 with DC/DC regulator setup
7.3.5 PCB guidelines
A well designed PCB is necessary to achieve good RF performance. Poor layout can lead to loss in
performance or functionality.
A qualified RF layout for the IC and its surrounding components, including matching networks, can be
downloaded from Reference layout nRF52 Series .
To ensure optimal performance it is essential that you follow the schematics and layout references closely.
Especially in the case of the antenna matching circuitry (components between device pin ANT and the
antenna), any changes to the layout can change the behavior, resulting in degradation of RF performance
or a need to change component values. All reference circuits are designed for use with a 50 Ω single-
ended antenna.
A PCB with a minimum of two layers, including a ground plane, is recommended for optimal performance.
On PCBs with more than two layers, put a keep-out area on the inner layers directly below the antenna
matching circuitry (components between device pin ANT and the antenna) to reduce the stray
capacitances that influence RF performance.
A matching network is needed between the RF pin ANT and the antenna, to match the antenna
impedance (normally 50 Ω) to the optimum RF load impedance for the chip. For optimum performance,
the impedance for the matching network should be set as described in the recommended package
reference circuitry in Reference circuitry on page 468 above.
4430_161 v1.0
473



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com