Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 469 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 469 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 465Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 466Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 467Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 468Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 469Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 470Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 471Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 472Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 473Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 483 page
background image
Hardware and layout
C1
12pF
C2
12pF
C7
100pF
C9
4.7µF
C4
100nF
C5
100nF
XC1
XC2
VDD_nRF
P0.07
P0.08
P0.10
P0.22
P0.23
P0.24
DEC1
SWDCLK
SWDIO
C10
1.0µF
P0.06
RF
C3
0.8pF
C8
100nF
L1
3.9nH
C6
N.C.
P0.00/XL1
P0.01/XL2
VDD_nRF
VDD_nRF
DEC3
P0.02/AIN0
P0.03/AIN1
P0.04/AIN2
P0.05/AIN3
P0.09
DEC2
C12
12pF
C11
12pF
Optional
X1
32MHz
X2
32.768kHz
DEC1
1
P0.10
12
VSS
31
ANT
30
DEC2
32
DEC3
33
XC1
34
XC2
35
VDD
36
P0.00/XL1
2
P0.01/XL2
3
P0.02/AIN0
4
P0.03/AIN1
5
P0.04/AIN2
6
P0.05/AIN3
7
P0.06
8
P0.07
9
P0.08
10
P0.09
11
SWDCLK
25
SWDIO
26
P0.22
27
P0.23
28
P0.24
29
nRF52810
U1
nRF52810-QFAA
Figure 129: QFAA QFN48 with internal LDO setup
Important: For PCB reference layouts, see Reference layout nRF52 Series.
Designator
Value
Description
Footprint
C1, C2,
C11, C12
12 pF
Capacitor, NP0, ±2%
0402
C3
0.8 pF
Capacitor, NP0, ±5%
0402
C4, C5, C8
100 nF
Capacitor, X7R, ±10%
0402
C6
N.C.
Not mounted
0402
C7
100 pF
Capacitor, NP0, ±5%
0402
C9
4.7 µF
Capacitor, X5R, ±10%
0603
C10
1.0 µF
Capacitor, X7R, ±10%
0603
L1
3.9 nH
High frequency chip inductor ±5%
0402
U1
nRF52810-
QFAA
Multi-protocol Bluetooth® low energy, ANT and 2.4
GHz proprietary system on chip
QFN-48
X1
32 MHz
XTAL SMD 2016, 32 MHz, Cl = 8 pF, Total Tol: ±40
ppm
XTAL_2016
X2
32.768 kHz
XTAL SMD 3215, 32.768 kHz, Cl = 9 pF, Total Tol: ±20
ppm
XTAL_3215
Table 103: Bill of material for QFAA QFN48 with internal LDO setup
4430_161 v1.0
469



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com