Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 465 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 465 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 461Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 462Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 463Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 464Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 465Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 466Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 467Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 468Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 469Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 483 page
background image
Hardware and layout
Pin
Name
Type
Description
Left side of chip
1
DEC1
Power
0.9 V regulator digital supply
decoupling
2
P0.00
XL1
Digital I/O
Analog input
General purpose I/O
Connection for 32.768 kHz crystal
(LFXO)
3
P0.01
XL2
Digital I/O
Analog input
General purpose I/O
Connection for 32.768 kHz crystal
(LFXO)
4
P0.04
AIN2
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
5
P0.05
AIN3
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
6
P0.06
Digital I/O
General purpose I/O
7
P0.09
Digital I/O
General purpose I/O
8
P0.10
Digital I/O
General purpose I/O
Lower side of chip
9
VDD
Power
Power supply
10
P0.12
Digital I/O
General purpose I/O
11
P0.14
Digital I/O
General purpose I/O
12
P0.15
Digital I/O
General purpose I/O
13
P0.16
Digital I/O
General purpose I/O
14
P0.18
Digital I/O
General purpose I/O
Single wire output
15
P0.20
Digital I/O
General purpose I/O
16
P0.21
nRESET
Digital I/O
General purpose I/O
Configurable as pin reset
Right side of chip
17
SWDCLK
Digital input
Serial wire debug clock input for debug
and programming
18
SWDIO
Digital I/O
Serial wire debug I/O for debug and
programming
19
ANT
RF
Single-ended radio antenna
connection
20
VSS
Power
Ground (radio supply)
21
DEC2
Power
1.3 V regulator supply decoupling
(radio supply)
22
DEC3
Power
Power supply decoupling
23
XC1
Analog input
Connection for 32 MHz crystal
24
XC2
Analog input
Connection for 32 MHz crystal
Upper side of chip
25
VDD
Power
Power supply
26
P0.25
Digital I/O
General purpose I/O
27
P0.28
AIN4
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
28
P0.30
AIN6
Digital I/O
Analog input
General purpose I/O
COMP input
4430_161 v1.0
465



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com