Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 463 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 463 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 459Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 460Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 461Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 462Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 463Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 464Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 465Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 466Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 467Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 483 page
background image
Hardware and layout
Pin
Name
Type
Description
30
ANT
RF
Single-ended radio antenna
connection
31
VSS
Power
Ground (radio supply)
32
DEC2
Power
1.3 V regulator supply decoupling
(radio supply)
33
DEC3
Power
Power supply decoupling
34
XC1
Analog input
Connection for 32 MHz crystal
35
XC2
Analog input
Connection for 32 MHz crystal
36
VDD
Power
Power supply
Upper side of chip
37
P0.25
Digital I/O
General purpose I/O
38
P0.26
Digital I/O
General purpose I/O
39
P0.27
Digital I/O
General purpose I/O
40
P0.28
AIN4
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
41
P0.29
AIN5
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
42
P0.30
AIN6
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
43
P0.31
AIN7
Digital I/O
Analog input
General purpose I/O pin
COMP input
SAADC input
44
NC
No connect
Leave unconnected
45
VSS
Power
Ground
46
DEC4
Power
1.3 V regulator supply decoupling
Input from DC/DC regulator
Output from 1.3 V LDO
47
DCC
Power
DC/DC regulator output
48
VDD
Power
Power supply
Bottom of chip
Die pad
VSS
Power
Ground pad
Exposed die pad must be connected
to ground (VSS) for proper device
operation.
Table 98: QFN48 pin assignments
7.1.2 QFN32 pin assignments
The nRF52810 QFN32 pin assignment table and figure describe the pinouts for this variant of the chip.
4430_161 v1.0
463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com