Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 467 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 467 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 463Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 464Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 465Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 466Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 467Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 468Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 469Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 470Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 471Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 483 page
background image
Hardware and layout
Figure 127: QFN48 6 x 6 mm package
Package
A
A1
A3
b
D, E
D2, E2 e
K
L
0.80
0.00
0.15
4.50
0.20
0.35
Min.
QFN48 (6x6)
0.85
0.04
0.20
0.20
6.00
4.60
0.40
0.40
Nom.
0.90
0.05
0.25
4.70
0.45
Max.
Table 101: QFN48 dimensions in millimeters
7.2.2 QFN32 5 x 5 mm package
Dimensions in millimeters for the nRF52810 QFN32 5 x 5 mm package.
4430_161 v1.0
467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com