Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 470 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 470 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 466Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 467Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 468Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 469Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 470Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 471Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 472Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 473Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 474Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 483 page
background image
Hardware and layout
7.3.2 Schematic QFAA QFN48 with DC/DC regulator setup
In addition to the schematic, the bill of material (BOM) is also provided.
X1
32MHz C1
12pF
C2
12pF
C7
100pF
C9
4.7µF
C4
100nF
C5
100nF
XC1
XC2
VDD_nRF
P0.07
P0.08
P0.10
P0.22
P0.23
P0.24
DEC1
SWDCLK
SWDIO
L2
10µH
C10
1.0µF
L3
15nH
P0.06
RF
C3
0.8pF
C8
100nF
L1
3.9nH
C6
N.C.
P0.00/XL1
P0.01/XL2
VDD_nRF
DEC1
1
P0.10
12
VSS
31
ANT
30
DEC2
32
DEC3
33
XC1
34
XC2
35
VDD
36
P0.00/XL1
2
P0.01/XL2
3
P0.02/AIN0
4
P0.03/AIN1
5
P0.04/AIN2
6
P0.05/AIN3
7
P0.06
8
P0.07
9
P0.08
10
P0.09
11
SWDCLK
25
SWDIO
26
P0.22
27
P0.23
28
P0.24
29
nRF52810
U1
nRF52810-QFAA
VDD_nRF
DEC3
P0.02/AIN0
P0.03/AIN1
P0.04/AIN2
P0.05/AIN3
P0.09
DEC2
C12
12pF
C11
12pF
X2
32.768kHz
Optional
Figure 130: QFAA QFN48 with DC/DC regulator setup
Important: For PCB reference layouts, see Reference layout nRF52 Series.
4430_161 v1.0
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com