Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 468 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 468 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 464Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 465Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 466Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 467Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 468Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 469Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 470Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 471Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 472Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 483 page
background image
Hardware and layout
Figure 128: QFN32 5 x 5 mm package
Package
A
A1
A3
b
D, E
D2, E2 e
K
L
0.80
0.00
0.20
3.40
0.20
0.35
Min.
QFN32 (5x5)
0.85
0.04
0.20
0.25
5.00
3.50
0.50
0.40
Nom.
0.90
0.05
0.30
3.60
0.45
Max.
Table 102: QFN32 dimensions in millimeters
7.3 Reference circuitry
To ensure good RF performance when designing PCBs, it is highly recommended to use the PCB layouts
and component values provided by Nordic Semiconductor.
Documentation for the different package reference circuits, including Altium Designer files, PCB layout
files, and PCB production files can be downloaded from Reference layout nRF52 Series .
7.3.1 Schematic QFAA QFN48 with internal LDO setup
In addition to the schematic, the bill of material (BOM) is also provided.
4430_161 v1.0
468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com