| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R Datasheet(PDF) 162 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Datasheet(HTML) 162 Page - Nordic Semiconductor |
|
162 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description N RW PIN13 Status on whether PIN13 has met criteria set in PIN_CNF13.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met O RW PIN14 Status on whether PIN14 has met criteria set in PIN_CNF14.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met P RW PIN15 Status on whether PIN15 has met criteria set in PIN_CNF15.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met Q RW PIN16 Status on whether PIN16 has met criteria set in PIN_CNF16.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met R RW PIN17 Status on whether PIN17 has met criteria set in PIN_CNF17.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met S RW PIN18 Status on whether PIN18 has met criteria set in PIN_CNF18.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met T RW PIN19 Status on whether PIN19 has met criteria set in PIN_CNF19.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met U RW PIN20 Status on whether PIN20 has met criteria set in PIN_CNF20.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met V RW PIN21 Status on whether PIN21 has met criteria set in PIN_CNF21.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met W RW PIN22 Status on whether PIN22 has met criteria set in PIN_CNF22.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met X RW PIN23 Status on whether PIN23 has met criteria set in PIN_CNF23.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met Y RW PIN24 Status on whether PIN24 has met criteria set in PIN_CNF24.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met Z RW PIN25 Status on whether PIN25 has met criteria set in PIN_CNF25.SENSE register. Write '1' to clear. 4430_161 v1.0 162 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |