Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 163 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 163 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 159Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 161Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 162Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 163Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 167Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
NotLatched
0
Criteria has not been met
Latched
1
Criteria has been met
a
RW PIN26
Status on whether PIN26 has met criteria set in
PIN_CNF26.SENSE register. Write '1' to clear.
NotLatched
0
Criteria has not been met
Latched
1
Criteria has been met
b
RW PIN27
Status on whether PIN27 has met criteria set in
PIN_CNF27.SENSE register. Write '1' to clear.
NotLatched
0
Criteria has not been met
Latched
1
Criteria has been met
c
RW PIN28
Status on whether PIN28 has met criteria set in
PIN_CNF28.SENSE register. Write '1' to clear.
NotLatched
0
Criteria has not been met
Latched
1
Criteria has been met
d
RW PIN29
Status on whether PIN29 has met criteria set in
PIN_CNF29.SENSE register. Write '1' to clear.
NotLatched
0
Criteria has not been met
Latched
1
Criteria has been met
e
RW PIN30
Status on whether PIN30 has met criteria set in
PIN_CNF30.SENSE register. Write '1' to clear.
NotLatched
0
Criteria has not been met
Latched
1
Criteria has been met
f
RW PIN31
Status on whether PIN31 has met criteria set in
PIN_CNF31.SENSE register. Write '1' to clear.
NotLatched
0
Criteria has not been met
Latched
1
Criteria has been met
6.8.2.9 DETECTMODE
Address offset: 0x524
Select between default DETECT signal behaviour and LDETECT mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW DETECTMODE
Select between default DETECT signal behaviour and
LDETECT mode
Default
0
DETECT directly connected to PIN DETECT signals
LDETECT
1
Use the latched LDETECT behaviour
6.8.2.10 PIN_CNF[0]
Address offset: 0x700
Configuration of GPIO pins
4430_161 v1.0
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com