Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 189 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 189 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 190Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 191Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 192Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 193Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 483 page
background image
Peripherals
An event can be generated in each GPIOTE channel from one of the following input conditions:
• Rising edge
• Falling edge
• Any change
6.9.1 Pin events and tasks
The GPIOTE module has a number of tasks and events that can be configured to operate on individual
GPIO pins.
The tasks (SET[n], CLR[n] and OUT[n]) can be used for writing to individual pins, and the events (IN[n]) can
be generated from changes occurring at the inputs of individual pins.
The SET task will set the pin selected in CONFIG[n].PSEL to high.
The CLR task will set the pin low.
The effect of the OUT task on the pin is configurable in CONFIG[n].POLARITY , and can either set the pin
high, set it low, or toggle it.
The tasks and events are configured using the CONFIG[n] registers. Every set of SET, CLR and OUT[n] tasks
and IN[n] events has one CONFIG[n] register associated with it.
As long as a SET[n], CLR[n] and OUT[n] task or an IN[n] event is configured to control a pin n, the pin's
output value will only be updated by the GPIOTE module. The pin's output value as specified in the GPIO
will therefore be ignored as long as the pin is controlled by GPIOTE. Attempting to write a pin as a normal
GPIO pin will have no effect. When the GPIOTE is disconnected from a pin, see MODE field in CONFIG[n]
register, the associated pin will get the output and configuration values specified in the GPIO module.
When conflicting tasks are triggered simultaneously (i.e. during the same clock cycle) in one channel, the
precedence of the tasks will be as described in Task priorities on page 189.
Priority
Task
1
OUT
2
CLR
3
SET
Table 39: Task priorities
When setting the CONFIG[n] registers, MODE=Disabled does not have the same effect as MODE=Task and
POLARITY=None. In the latter case, a CLR or SET task occurring at the exact same time as OUT will end up
with no change on the pin, according to the priorities described in the table above.
When a GPIOTE channel is configured to operate on a pin as a task, the initial value of that pin is
configured in the OUTINIT field of CONFIG[n].
6.9.2 Port event
PORT is an event that can be generated from multiple input pins using the GPIO DETECT signal.
The event will be generated on the rising edge of the DETECT signal. See GPIO — General purpose input/
output on page 137 for more information about the DETECT signal.
Putting the system into System ON IDLE while DETECT is high will not cause DETECT to wake the system
up again. Make sure to clear all DETECT sources before entering sleep. If the LATCH register is used as a
source, if any bit in LATCH is still high after clearing all or part of the register (for instance due to one of
the PINx.DETECT signal still high), a new rising edge will be generated on DETECT, see Pin configuration on
page 137.
Trying to put the system to System OFF while DETECT is high will cause a wakeup from System OFF reset.
4430_161 v1.0
189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com