Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 273 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 273 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 269Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 270Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 271Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 272Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 273Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 274Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 275Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 276Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 277Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 483 page
background image
Peripherals
6.12.5.21 PSEL.OUT[2]
Address offset: 0x568
Output pin select for PWM channel 2
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PIN
[0..31]
Pin number
C
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.12.5.22 PSEL.OUT[3]
Address offset: 0x56C
Output pin select for PWM channel 3
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PIN
[0..31]
Pin number
C
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.12.6 Electrical specification
6.13 QDEC — Quadrature decoder
The Quadrature decoder (QDEC) provides buffered decoding of quadrature-encoded sensor signals. It is
suitable for mechanical and optical sensors.
The sample period and accumulation are configurable to match application requirements. The QDEC
provides the following:
• Decoding of digital waveform from off-chip quadrature encoder.
• Sample accumulation eliminating hard real-time requirements to be enforced on application.
• Optional input de-bounce filters.
• Optional LED output signal for optical encoders.
4430_161 v1.0
273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com