Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 275 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 275 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 271Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 272Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 273Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 274Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 275Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 276Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 277Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 278Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 279Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 483 page
background image
Peripherals
Previous
sample pair(n
- 1)
Current
samples
pair(n)
SAMPLE
register
ACC operation ACCDBL
operation
Description
A
B
A
B
0
0
0
0
0
No change
No change
No movement
0
0
0
1
1
Increment
No change
Movement in positive direction
0
0
1
0
-1
Decrement
No change
Movement in negative direction
0
0
1
1
2
No change
Increment
Error: Double transition
0
1
0
0
-1
Decrement
No change
Movement in negative direction
0
1
0
1
0
No change
No change
No movement
0
1
1
0
2
No change
Increment
Error: Double transition
0
1
1
1
1
Increment
No change
Movement in positive direction
1
0
0
0
1
Increment
No change
Movement in positive direction
1
0
0
1
2
No change
Increment
Error: Double transition
1
0
1
0
0
No change
No change
No movement
1
0
1
1
-1
Decrement
No change
Movement in negative direction
1
1
0
0
2
No change
Increment
Error: Double transition
1
1
0
1
-1
Decrement
No change
Movement in negative direction
1
1
1
0
1
Increment
No change
Movement in positive direction
1
1
1
1
0
No change
No change
No movement
Table 54: Sampled value encoding
6.13.2 LED output
The LED output follows the sample period, and the LED is switched on a given period before sampling and
switched off immediately after the inputs are sampled. The period the LED is switched on before sampling
is given in the LEDPRE register.
The LED output pin polarity is specified in the LEDPOL register.
For using off-chip mechanical encoders not requiring a LED, the LED output can be disabled by writing
value 'Disconnected' to the CONNECT field of the PSEL.LED register. In this case the QDEC will not acquire
access to a LED output pin and the pin can be used for other purposes by the CPU.
6.13.3 Debounce filters
Each of the two-phase inputs have digital debounce filters.
When enabled through the DBFEN register, the filter inputs are sampled at a fixed 1 MHz frequency during
the entire sample period (which is specified in the SAMPLEPER register), and the filters require all of the
samples within this sample period to equal before the input signal is accepted and transferred to the
output of the filter.
As a result, only input signal with a steady state longer than twice the period specified in SAMPLEPER are
guaranteed to pass through the filter, and any signal with a steady state shorter than SAMPLEPER will
always be suppressed by the filter. (This is assumed that the frequency during the debounce period never
exceeds 500 kHz (as required by the Nyquist theorem when using a 1 MHz sample frequency).
The LED will always be ON when the debounce filters are enabled, as the inputs in this case will be
sampled continuously.
Note that when when the debounce filters are enabled, displacements reported by the QDEC peripheral
are delayed by one SAMPLEPER period.
6.13.4 Accumulators
The quadrature decoder contains two accumulator registers, ACC and ACCDBL, that accumulate
respectively valid motion sample values and the number of detected invalid samples (double transitions).
4430_161 v1.0
275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com