Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 433 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 433 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 429Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 430Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 431Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 432Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 433Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 434Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 435Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 436Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 437Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 444 page
background image
Hardware and layout
Designator
Value
Description
Footprint
C1, C2
12 pF
Capacitor, NP0, ±2 %
0201
C3
1.2 pF
Capacitor, NP0, ±5 %
0201
C4, C5
100 nF
Capacitor, X5R, ±10 %
0201
C6
100 pF
Capacitor, NP0, ±2 %
0201
C7
4.7 µF
Capacitor, X5R, ±10 %
0603
C8
1.0 µF
Capacitor, X5R, ±5 %
0402
L1
2.2 nH
High frequency chip inductor ±5 %
0201
L2
3.3 nH
High frequency chip inductor ±5 %
0201
L3
10 µH
Chip inductor, IDC,min = 50 mA, ±20 %
0603
L4
15 nH
High frequency chip inductor ±10 %
0402
U1
nRF52811-
CAAA
Multi-protocol Bluetooth® low energy, ANT and 2.4
GHz proprietary system on chip
WLCSP-33
X1
32 MHz
XTAL SMD 2016, 32 MHz, Cl = 8 pF, Total Tol: ±40
ppm
XTAL_2016
Table 133: Bill of material for CAAA WLCSP 2-layer setup
7.3.8 PCB guidelines
A well designed PCB is necessary to achieve good RF performance. Poor layout can lead to loss in
performance or functionality.
A qualified RF layout for the IC and its surrounding components, including matching networks, can be
downloaded from Reference layout nRF52 Series .
To ensure optimal performance it is essential that you follow the schematics and layout references closely.
Especially in the case of the antenna matching circuitry (components between device pin ANT and the
antenna), any changes to the layout can change the behavior, resulting in degradation of RF performance
or a need to change component values. All reference circuits are designed for use with a 50 Ω single-
ended antenna.
A PCB with a minimum of two layers, including a ground plane, is recommended for optimal performance.
On PCBs with more than two layers, put a keep-out area on the inner layers directly below the antenna
matching circuitry (components between device pin ANT and the antenna) to reduce the stray
capacitances that influence RF performance.
A matching network is needed between the RF pin ANT and the antenna, to match the antenna
impedance (normally 50 Ω) to the optimum RF load impedance for the chip. For optimum performance,
the impedance for the matching network should be set as described in the recommended package
reference circuitry in Reference circuitry on page 425 above.
The DC supply voltage should be decoupled as close as possible to the VDD pins with high performance RF
capacitors. See the schematics for recommended decoupling capacitor values. The supply voltage for the
chip should be filtered and routed separately from the supply voltages of any digital circuitry.
Long power supply lines on the PCB should be avoided. All device grounds, VDD connections, and VDD
bypass capacitors must be connected as close as possible to the IC. For a PCB with a topside RF ground
plane, the VSS pins should be connected directly to the ground plane. For a PCB with a bottom ground
plane, the best technique is to have via holes as close as possible to the VSS pads. A minimum of one via
hole should be used for each VSS pin.
4454_140 v1.0
433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com