Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 436 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 436 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 432Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 433Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 434Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 435Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 436Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 437Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 438Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 439Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 440Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 444 page
background image
8 Recommended operating conditions
The operating conditions are the physical parameters that the chip can operate within.
Symbol
Parameter
Notes
Min.
Nom.
Max.
Units
VDD
Supply voltage, independent of DCDC enable
1.7
3.0
3.6
V
tR_VDD
Supply rise time (0 V to 1.7 V)
60
ms
TA
Operating temperature
-40
25
85
°C
Table 134: Recommended operating conditions
Important: The on-chip power-on reset circuitry may not function properly for rise times longer
than the specified maximum.
8.1 WLCSP light sensitivity
WLCSP package variants are sensitive to visible and near infrared light, which means that a final product
design must shield the chip properly.
For the CAAA package variant, the marking side is covered with a light absorbing film, while the side edges
of the chip and the ball side must be protected by coating or other means.
4454_140 v1.0
436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com