Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 382 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 382 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 378Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 379Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 386Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 483 page
background image
Peripherals
6.18.6.2 Serial Peripheral Interface Master (SPIM) timing specifications
Symbol
Description
Min.
Typ.
Max.
Units
tSPIM,CSCK
SCK period
..
..
..
ns
tSPIM,RSCK,LD
SCK rise time, standard drivea
tRF,25pF
tSPIM,RSCK,HD
SCK rise time, high drivea
tHRF,25pF
tSPIM,FSCK,LD
SCK fall time, standard drivea
tRF,25pF
tSPIM,FSCK,HD
SCK fall time, high drivea
tHRF,25pF
tSPIM,WHSCK
SCK high timea
(0.5*tCSCK)
– tRSCK
tSPIM,WLSCK
SCK low timea
(0.5*tCSCK)
– tFSCK
tSPIM,SUMI
MISO to CLK edge setup time
19
ns
tSPIM,HMI
CLK edge to MISO hold time
18
ns
tSPIM,VMO
CLK edge to MOSI valid
59
ns
tSPIM,HMO
MOSI hold time after CLK edge
20
ns
tHMO
MSb
LSb
MSb
LSb
MOSI (out)
MISO (in)
CPOL=0
CPHA=0
tSUMI
tHMI
tRSCK
tFSCK
tCSCK
tWHSCK
tWLSCK
tVMO
CPOL=1
CPHA=0
CPOL=0
CPHA=1
CPOL=1
CPHA=1
Figure 100: SPIM timing diagram
6.19 SPIS — Serial peripheral interface slave with
EasyDMA
SPI slave (SPIS) is implemented with EasyDMA support for ultra low power serial communication from an
external SPI master. EasyDMA in conjunction with hardware-based semaphore mechanisms removes all
real-time requirements associated with controlling the SPI slave from a low priority CPU execution context.
a At 25pF load, including GPIO pin capacitance, see GPIO spec.
4430_161 v1.0
382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com