Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 383 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 383 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 379Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 387Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 483 page
background image
Peripherals
EasyDMA
RAM
SPIS
ACQUIRED
RXD.PTR
TXD.PTR
TXD+1
TXD
TXD+n
TXD+2
RXD+1
RXD
RXD+n
RXD+2
EasyDMA
MISO
MOSI
ACQUIRE
RELEASE
OVERFLOW
PSEL.MISO
PSEL.MOSI
PSEL.CSN
PSEL.SCK
Semaphore
SPI slave tranceiver
DEF
CSN
END
OVERREAD
Figure 101: SPI slave
The SPIS supports SPI modes 0 through 3. The CONFIG register allows setting CPOL and CPHA
appropriately.
Mode
Clock polarity
Clock phase
CPOL
CPHA
SPI_MODE0
0 (Leading)
0 (Active High)
SPI_MODE1
0 (Leading)
1 (Active Low)
SPI_MODE2
1 (Trailing)
0 (Active High)
SPI_MODE3
1 (Trailing)
1 (Active Low)
Table 77: SPI modes
6.19.1 Shared resources
The SPI slave shares registers and other resources with other peripherals that have the same ID as the SPI
slave. Therefore, you must disable all peripherals that have the same ID as the SPI slave before the SPI
slave can be configured and used.
Disabling a peripheral that has the same ID as the SPI slave will not reset any of the registers that are
shared with the SPI slave. It is important to configure all relevant SPI slave registers explicitly to secure that
it operates correctly.
The Instantiation table in Instantiation on page 17 shows which peripherals have the same ID as the SPI
slave.
6.19.2 EasyDMA
The SPI slave implements EasyDMA for reading and writing to and from the RAM. The END event indicates
that EasyDMA has finished accessing the buffer in RAM.
If the TXD.PTR and the RXD.PTR are not pointing to the Data RAM region, an EasyDMA transfer may result
in a HardFault or RAM corruption. See Memory on page 15 for more information about the different
memory regions.
4430_161 v1.0
383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com