Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 425 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 425 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 421Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 422Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 423Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 424Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 425Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 426Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 427Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 428Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 429Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 483 page
background image
Peripherals
6.23.9 Pullup resistor
R [kΩ]
30
25
20
15
10
5
0
cap [pF]
0
100
200
300
400
500
400 kbps
100 kbps
Figure 113: Recommended TWIM pullup value vs. line capacitance
• The I2C specification allows a line capacitance of 400 pF at most.
• The value of internal pullup resistor (RPU) for nRF52810 can be found in GPIO — General purpose
input/output on page 137.
6.24 TWIS — I2C compatible two-wire interface slave
with EasyDMA
TWI slave with EasyDMA (TWIS) is compatible with I2C operating at 100 kHz and 400 kHz. The TWI
transmitter and receiver implement EasyDMA.
TXD
(signal)
PSELSDA
PSELSCK
PSELSDA
RXD
(signal)
WRITE
SUSPEND
RESUME
RAM
EasyDMA
EasyDMA
RXD.PTR
TXD.PTR
RXD+2
RXD+n
RXD+1
RXD
TXD+2
TXD+n
TXD+1
TXD
READ
STOPPED
PREPARETX
PREPARERX
Figure 114: TWI slave with EasyDMA
A typical TWI setup consists of one master and one or more slaves. For an example, see A typical TWI
setup comprising one master and three slaves on page 426. TWIS is only able to operate with a single
master on the TWI bus.
4430_161 v1.0
425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com