| Electronic Components Datasheet Search |
|
NRF52810-QCAA-R Datasheet(PDF) 427 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R Datasheet(HTML) 427 Page - Nordic Semiconductor |
|
427 / 483 page ![]() Peripherals Symbol Type Description ENABLE Register The TWI slave has been enabled via the ENABLE register PREPARETX Task The TASKS_PREPARETX task has been triggered STOP Task The TASKS_STOP task has been triggered PREPARERX Task The TASKS_PREPARERX task has been triggered STOPPED Event The EVENTS_STOPPED event was generated RXSTARTED Event The EVENTS_RXSTARTED event was generated TXSTARTED Event The EVENTS_TXSTARTED event was generated TX prepared Internal Internal flag indicating that a TASKS_PREPARETX task has been triggered. This flag is not visible to the user. RX prepared Internal Internal flag indicating that a TASKS_PREPARERX task has been triggered. This flag is not visible to the user. Unprepare TX Internal Clears the internal 'TX prepared' flag until next TASKS_PREPARETX task. Unprepare RX Internal Clears the internal 'RX prepared' flag until next TASKS_PREPARERX task. Stop sequence TWI protocol A TWI stop sequence was detected Restart sequence TWI protocol A TWI restart sequence was detected Table 89: TWI slave state machine symbols The TWI slave supports clock stretching performed by the master. The TWI slave operates in a low power mode while waiting for a TWI master to initiate a transfer. As long as the TWI slave is not addressed, it will remain in this low power mode. To secure correct behaviour of the TWI slave, PSEL.SCL, PSEL.SDA, CONFIG and the ADDRESS[n] registers, must be configured prior to enabling the TWI slave through the ENABLE register. Similarly, changing these settings must be performed while the TWI slave is disabled. Failing to do so may result in unpredictable behaviour. 6.24.1 EasyDMA The TWI slave implements EasyDMA for reading and writing to and from the RAM. The STOPPED event indicates that EasyDMA has finished accessing the buffer in RAM. If the TXD.PTR and the RXD.PTR are not pointing to the Data RAM region, an EasyDMA transfer may result in a HardFault or RAM corruption. See Memory on page 15 for more information about the different memory regions. 6.24.2 TWI slave responding to a read command Before the TWI slave can respond to a read command the TWI slave must be configured correctly and enabled via the ENABLE register. When enabled the TWI slave will be in its IDLE state where it will consume IIDLE . A read command is started when the TWI master generates a start condition on the TWI bus, followed by clocking out the address and the READ/WRITE bit set to 1 (WRITE=0, READ=1). The READ/WRITE bit is followed by an ACK/NACK bit (ACK=0 or NACK=1) response from the TWI slave. The TWI slave is able to listen for up to two addresses at the same time. Which addresses to listen for is configured in the ADDRESS registers and the CONFIG register. The TWI slave will only acknowledge (ACK) the read command if the address presented by the master matches one of the addresses the slave is configured to listen for. The TWI slave will generate a READ event when it acknowledges the read command. The TWI slave is only able to detect a read command from the IDLE state. The TWI slave will set an internal 'TX prepared' flag when the PREPARETX task is triggered. 4430_161 v1.0 427 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |