Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 462 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 462 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 458Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 459Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 460Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 461Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 462Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 463Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 464Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 465Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 466Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 483 page
background image
Hardware and layout
Pin
Name
Type
Description
Left side of chip
1
DEC1
Power
0.9 V regulator digital supply
decoupling
2
P0.00
XL1
Digital I/O
Analog input
General purpose I/O
Connection for 32.768 kHz crystal
(LFXO)
3
P0.01
XL2
Digital I/O
Analog input
General purpose I/O
Connection for 32.768 kHz crystal
(LFXO)
4
P0.02
AIN0
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
5
P0.03
AIN1
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
6
P0.04
AIN2
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
7
P0.05
AIN3
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
8
P0.06
Digital I/O
General purpose I/O
9
P0.07
Digital I/O
General purpose I/O
10
P0.08
Digital I/O
General purpose I/O
11
P0.09
Digital I/O
General purpose I/O
12
P0.10
Digital I/O
General purpose I/O
Lower side of chip
13
VDD
Power
Power supply
14
P0.11
Digital I/O
General purpose I/O
15
P0.12
Digital I/O
General purpose I/O
16
P0.13
Digital I/O
General purpose I/O
17
P0.14
Digital I/O
General purpose I/O
18
P0.15
Digital I/O
General purpose I/O
19
P0.16
Digital I/O
General purpose I/O
20
P0.17
Digital I/O
General purpose I/O
21
P0.18
Digital I/O
General purpose I/O
22
P0.19
Digital I/O
General purpose I/O
23
P0.20
Digital I/O
General purpose I/O
24
P0.21
nRESET
Digital I/O
General purpose I/O
Configurable as pin reset
Right side of chip
25
SWDCLK
Digital input
Serial wire debug clock input for debug
and programming
26
SWDIO
Digital I/O
Serial wire debug I/O for debug and
programming
27
P0.22
Digital I/O
General purpose I/O
28
P0.23
Digital I/O
General purpose I/O
29
P0.24
Digital I/O
General purpose I/O
4430_161 v1.0
462



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com