Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 466 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 466 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 462Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 463Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 464Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 465Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 466Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 467Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 468Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 469Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 470Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 483 page
background image
Hardware and layout
Pin
Name
Type
Description
SAADC input
29
VSS
Power
Ground
30
DEC4
Power
1.3 V regulator supply decoupling
Input from DC/DC regulator
Output from 1.3 V LDO
31
DCC
Power
DC/DC regulator output
32
VDD
Power
Power supply
Bottom of chip
Die pad
VSS
Power
Ground pad
Exposed die pad must be connected
to ground (VSS) for proper device
operation.
Table 99: QFN32 pin assignments
7.1.3 GPIO pins located near the radio
Radio performance parameters, such as sensitivity, may be affected by high frequency digital I/O with
large sink/source current close to the radio power supply and antenna pins.
GPIO recommended usage on page 466 identifies some GPIO pins that have recommended usage
guidelines for maximizing radio performance in an application.
GPIO
QFN48 pin
QFN32 pin
Recommended usage
P0.25
37
26
P0.26
38
P0.27
39
P0.28
40
27
P0.29
41
Low drive, low frequency I/O only.
Table 100: GPIO recommended usage
7.2 Mechanical specifications
The mechanical specifications for the packages show the dimensions in millimeters.
7.2.1 QFN48 6 x 6 mm package
Dimensions in millimeters for the nRF52810 QFN48 6 x 6 mm package.
4430_161 v1.0
466



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com