Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 474 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 474 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 470Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 471Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 472Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 473Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 474Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 475Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 476Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 477Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 478Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 483 page
background image
Hardware and layout
The DC supply voltage should be decoupled as close as possible to the VDD pins with high performance RF
capacitors. See the schematics for recommended decoupling capacitor values. The supply voltage for the
chip should be filtered and routed separately from the supply voltages of any digital circuitry.
Long power supply lines on the PCB should be avoided. All device grounds, VDD connections, and VDD
bypass capacitors must be connected as close as possible to the IC. For a PCB with a topside RF ground
plane, the VSS pins should be connected directly to the ground plane. For a PCB with a bottom ground
plane, the best technique is to have via holes as close as possible to the VSS pads. A minimum of one via
hole should be used for each VSS pin.
Fast switching digital signals should not be routed close to the crystal or the power supply lines. Capacitive
loading of fast switching digital output lines should be minimized in order to avoid radio interference.
7.3.6 PCB layout example
The PCB layout shown as the example is a reference layout for the QFN48 package with internal LDO
setup.
Important: Pay attention to how the capacitor C3 is grounded. It is not directly connected to the
ground plane, but grounded via VSS pin 31. This is done to create additional filtering of harmonic
components.
For all available reference layouts, see Reference layout nRF52 Series.
Figure 133: Top silk layer
4430_161 v1.0
474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com