Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 477 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 477 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 473Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 474Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 475Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 476Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 477Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 478Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 479Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 480Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 481Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 483 page
background image
9 Absolute maximum ratings
Maximum ratings are the extreme limits to which the chip can be exposed for a limited amount of time
without permanently damaging it. Exposure to absolute maximum ratings for prolonged periods of time
may affect the reliability of the device.
Note
Min.
Max.
Unit
Supply voltages
VDD
-0.3
+3.9
V
VSS
0
V
I/O pin voltage
VI/O, VDD ≤ 3.6 V
-0.3
VDD + 0.3 V
V
VI/O, VDD > 3.6 V
-0.3
3.9 V
V
Radio
RF input level
10
dBm
Environmental (QFN package)
Storage temperature
-40
+125
°C
MSL
Moisture Sensitivity Level
2
ESD HBM
Human Body Model
4
kV
ESD CDM
Charged Device Model
1000
V
Flash memory
Endurance
10 000
Write/erase cycles
Retention
10 years at 40°C
Table 108: Absolute maximum ratings
4430_161 v1.0
477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com