Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 109 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 109 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 105Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 106Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 107Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 108Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 109Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 110Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 111Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 112Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 113Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 483 page
background image
Peripherals
In order for the CCM module to run synchronously with the radio, the data rate setting in the MODE on
page 114 register needs to match the radio data rate. The settings in this register apply whenever either
the KSGEN or CRYPT tasks are triggered.
The data rate setting of the MODE on page 114 register can also be overridden on-the-fly during an
ongoing encrypt/decrypt operation by the contents of the RATEOVERRIDE on page 116 register. The
data rate setting in this register applies whenever the RATEOVERRIDE task is triggered. This feature can be
useful in cases where the radio data rate is changed during an ongoing packet transaction.
6.4.5 Encrypting packets on-the-fly in radio transmit mode
When the AES CCM is encrypting a packet on-the-fly at the same time as the radio is transmitting it, the
radio must read the encrypted packet from the same memory location as the AES CCM is writing to.
The OUTPTR on page 115 pointer in the AES CCM must therefore point to the same memory location
as the PACKETPTR pointer in the radio, see Configuration of on-the-fly encryption on page 109.
AES CCM
H
PL
L
RFU
H
EPL
L+4 RFU
Unencrypted packet
Encrypted packet
MIC
Scratch area
CCM data
structure
MODE = ENCRYPTION
RADIO
TXEN
To remote
receiver
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
PL: unencrypted payload
EPL: encrypted payload
INPTR
OUTPTR
&
PACKETPTR
SCRATCHPTR
CNFPTR
Figure 29: Configuration of on-the-fly encryption
In order to match the RADIO’s timing, the KSGEN task must be triggered early enough to allow the key-
stream generation to complete before the encryption of the packet shall start.
For short packets (MODE.LENGTH = Default) the KSGEN task must be triggered no later than when
the START task in the RADIO is triggered. In addition the shortcut between the ENDKSGEN event and
the CRYPT task must be enabled. This use-case is illustrated in On-the-fly encryption of short packets
(MODE.LENGTH = Default) using a PPI connection on page 110 using a PPI connection between the
READY event in the RADIO and the KSGEN task in the AES CCM.
For long packets (MODE.LENGTH = Extended) the key-stream generation will need to be started even
earlier, for example at the time when the TXEN task in the RADIO is triggered.
Important: Refer to Timing specification on page 117 for information about the time needed
for generating a key-stream.
4430_161 v1.0
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com