Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 110 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 110 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 106Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 107Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 108Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 109Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 110Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 111Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 112Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 113Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 114Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 483 page
background image
Peripherals
RU
P
A
H
L
RFU
EPL
MIC
CRC
READY
TXEN
END
key-stream
generation
KSGEN
encryption
ENDCRYPT
READY
START
SHORTCUT
RADIO
AES CCM
RU: Ramp-up of RADIO
P: Preamble
A: Address
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
EPL: encrypted payload
CRYPT
ENDKSGEN
SHORTCUT
PPI
Figure 30: On-the-fly encryption of short packets (MODE.LENGTH = Default) using a PPI connection
6.4.6 Decrypting packets on-the-fly in radio receive mode
When the AES CCM is decrypting a packet on-the-fly at the same time as the RADIO is receiving it, the AES
CCM must read the encrypted packet from the same memory location as the RADIO is writing to.
The INPTR on page 115 pointer in the AES CCM must therefore point to the same memory location as
the PACKETPTR pointer in the RADIO, see Configuration of on-the-fly decryption on page 110.
AES CCM
H
PL
L
RFU
H
EPL
L+4 RFU
Unencrypted packet
Encrypted packet
MIC
Scratch area
CCM data
structure
MODE = DECRYPTION
RADIO
RXEN
From remote
transmitter
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
PL: unencrypted payload
EPL: encrypted payload
OUTPTR
INPTR
&
PACKETPTR
SCRATCHPTR
CNFPTR
Figure 31: Configuration of on-the-fly decryption
In order to match the RADIO’s timing, the KSGEN task must be triggered early enough to allow the key-
stream generation to complete before the decryption of the packet shall start.
For short packets (MODE.LENGTH = Default) the KSGEN task must be triggered no later than when the
START task in the RADIO is triggered. In addition, the CRYPT task must be triggered no earlier than when
the ADDRESS event is generated by the RADIO.
If the CRYPT task is triggered exactly at the same time as the ADDRESS event is generated by the RADIO,
the AES CCM will guarantee that the decryption is completed no later than when the END event in the
RADIO is generated.
This use-case is illustrated in On-the-fly decryption of short packets (MODE.LENGTH = Default) using a
PPI connection on page 111 using a PPI connection between the ADDRESS event in the RADIO and the
CRYPT task in the AES CCM. The KSGEN task is triggered from the READY event in the RADIO through a PPI
connection.
For long packets (MODE.LENGTH = Extended) the key-stream generation will need to be started even
earlier, for example at the time when the RXEN task in the RADIO is triggered.
4430_161 v1.0
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com