Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 119 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 119 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 115Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 116Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 117Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 118Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 119Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 120Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 123Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 483 page
background image
Peripherals
6.5.1 Differential mode
In differential mode, the reference input VIN- is derived directly from one of the AINx pins.
Before enabling the comparator via the ENABLE register, the following registers must be configured for the
differential mode:
• PSEL
• MODE
• EXTREFSEL
Comparator
core
MODE
MUX
VIN+
PSEL
EXTREFSEL
RESULT
+
-
Output
0 = BELOW (VIN+ < VIN-)
1 = ABOVE (VIN+ > VIN-)
MUX
VIN-
Figure 34: Comparator in differential mode
Restriction: Depending on the device, not all the analog inputs may be available for each MUX. See
definitions for PSEL and EXTREFSEL for more information about which analog pins are available on a
particular device.
When HYST register is turned on while in this mode, the output of the comparator (and associated events)
will change from ABOVE to BELOW whenever VIN+ becomes lower than VIN- - (VDIFFHYST / 2). It will also
change from BELOW to ABOVE whenever VIN+ becomes higher than VIN- + (VDIFFHYST / 2). This behavior is
illustrated in Hysteresis enabled in differential mode on page 119.
VIN+
t
BELOW
(VIN+ < (VIN- - VDIFFHYST /2))
ABOVE
(VIN+ > (VIN- + VDIFFHYST /2))
BELOW
ABOVE
(VIN+ > (VIN- + VDIFFHYST /2))
VIN- - (VDIFFHYST / 2)
VIN- + (VDIFFHYST / 2)
Output
Figure 35: Hysteresis enabled in differential mode
6.5.2 Single-ended mode
In single-ended mode, VIN- is derived from the reference ladder.
4430_161 v1.0
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com