Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 122 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 122 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 118Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 119Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 120Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 123Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 124Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 125Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 126Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 483 page
background image
Peripherals
Register
Offset
Description
TASKS_STOP
0x004
Stop comparator
TASKS_SAMPLE
0x008
Sample comparator value
EVENTS_READY
0x100
COMP is ready and output is valid
EVENTS_DOWN
0x104
Downward crossing
EVENTS_UP
0x108
Upward crossing
EVENTS_CROSS
0x10C
Downward or upward crossing
SHORTS
0x200
Shortcut register
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
RESULT
0x400
Compare result
ENABLE
0x500
COMP enable
PSEL
0x504
Pin select
REFSEL
0x508
Reference source select for single-ended mode
EXTREFSEL
0x50C
External reference select
TH
0x530
Threshold configuration for hysteresis unit
MODE
0x534
Mode configuration
HYST
0x538
Comparator hysteresis enable
Table 30: Register Overview
6.5.3.1 SHORTS
Address offset: 0x200
Shortcut register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW READY_SAMPLE
Shortcut between READY event and SAMPLE task
See EVENTS_READY and TASKS_SAMPLE
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
B
RW READY_STOP
Shortcut between READY event and STOP task
See EVENTS_READY and TASKS_STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
C
RW DOWN_STOP
Shortcut between DOWN event and STOP task
See EVENTS_DOWN and TASKS_STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
D
RW UP_STOP
Shortcut between UP event and STOP task
See EVENTS_UP and TASKS_STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
E
RW CROSS_STOP
Shortcut between CROSS event and STOP task
See EVENTS_CROSS and TASKS_STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
4430_161 v1.0
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com