Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 263 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 263 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 259Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 260Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 261Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 262Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 263Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 264Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 265Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 267Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 483 page
background image
Peripherals
100% duty cycle
New value load
Previously
loaded
duty cycle
0% duty cycle
LOOP.CNT
(LOOP.CNT - 1)
1
Loop counter
...
last loaded
duty cycle
maintained
Figure 55: Complex sequence (LOOP.CNT>0) starting with SEQ[1]
Note that if a sequence is in use in a simple or complex sequence, it must have a length of SEQ[n].CNT > 0 .
6.12.3 Limitations
The previous compare value will be repeated if the PWM period is selected to be shorter than the time it
takes for the EasyDMA to fetch from RAM and update the internal compare registers.
This is to ensure a glitch-free operation even if very short PWM periods are chosen.
6.12.4 Pin configuration
The OUT[n] (n=0..3) signals associated to each channel of the PWM module are mapped to
physical pins according to the configuration specified in the respective PSEL.OUT[n] registers. If a
PSEL.OUT[n].CONNECT is set to Disconnected, the associated PWM module signal will not be connected to
any physical pins.
The PSEL.OUT[n] registers and their configurations are only used as long as the PWM module is enabled
and PWM generation is active (wave counter started), and retained only as long as the device is in System
ON mode, see POWER chapter for more information about power modes.
To ensure correct behaviour in the PWM module, the pins used by the PWM module must be configured
in the GPIO peripheral as described in Recommended GPIO configuration before starting PWM generation
on page 264 before enabling the PWM module. The pins' idle state is defined by the OUT registers in
the GPIO module. This is to ensure that the pins used by the PWM module are driven correctly, if PWM
generation is stopped through a STOP task, the PWM module itself is temporarily disabled, or the device
temporarily enters System OFF. This configuration must be retained in the GPIO for the selected IOs as
long as the PWM module is supposed to be connected to an external PWM circuit.
4430_161 v1.0
263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com