Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 264 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 264 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 260Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 261Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 262Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 263Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 264Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 265Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 267Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 268Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 483 page
background image
Peripherals
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behaviour.
PWM signal
PWM pin
Direction
Output value
Comment
OUT[n]
As specified in PSEL.OUT[n]
(n=0..3)
Output
0
Idle state defined in GPIO-
>OUT
Table 51: Recommended GPIO configuration before starting PWM generation
6.12.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4001C000
PWM
PWM0
Pulse-width modulation unit 0
Table 52: Instances
Register
Offset
Description
TASKS_STOP
0x004
Stops PWM pulse generation on all channels at the end of current PWM period, and stops
sequence playback
TASKS_SEQSTART[0]
0x008
Loads the first PWM value on all enabled channels from sequence 0, and starts playing
that sequence at the rate defined in SEQ[0]REFRESH and/or DECODER.MODE. Causes PWM
generation to start it was not running.
TASKS_SEQSTART[1]
0x00C
Loads the first PWM value on all enabled channels from sequence 1, and starts playing
that sequence at the rate defined in SEQ[1]REFRESH and/or DECODER.MODE. Causes PWM
generation to start it was not running.
TASKS_NEXTSTEP
0x010
Steps by one value in the current sequence on all enabled channels if
DECODER.MODE=NextStep. Does not cause PWM generation to start it was not running.
EVENTS_STOPPED
0x104
Response to STOP task, emitted when PWM pulses are no longer generated
EVENTS_SEQSTARTED[0]0x108
First PWM period started on sequence 0
EVENTS_SEQSTARTED[1]0x10C
First PWM period started on sequence 1
EVENTS_SEQEND[0]
0x110
Emitted at end of every sequence 0, when last value from RAM has been applied to wave
counter
EVENTS_SEQEND[1]
0x114
Emitted at end of every sequence 1, when last value from RAM has been applied to wave
counter
EVENTS_PWMPERIODEND
0x118
Emitted at the end of each PWM period
EVENTS_LOOPSDONE 0x11C
Concatenated sequences have been played the amount of times defined in LOOP.CNT
SHORTS
0x200
Shortcut register
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
PWM module enable register
MODE
0x504
Selects operating mode of the wave counter
COUNTERTOP
0x508
Value up to which the pulse generator counter counts
PRESCALER
0x50C
Configuration for PWM_CLK
DECODER
0x510
Configuration of the decoder
LOOP
0x514
Amount of playback of a loop
SEQ[0].PTR
0x520
Beginning address in Data RAM of this sequence
SEQ[0].CNT
0x524
Amount of values (duty cycles) in this sequence
SEQ[0].REFRESH
0x528
Amount of additional PWM periods between samples loaded into compare register
SEQ[0].ENDDELAY
0x52C
Time added after the sequence
SEQ[1].PTR
0x540
Beginning address in Data RAM of this sequence
SEQ[1].CNT
0x544
Amount of values (duty cycles) in this sequence
SEQ[1].REFRESH
0x548
Amount of additional PWM periods between samples loaded into compare register
4430_161 v1.0
264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com