Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 368 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 368 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 364Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 365Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 366Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 367Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 368Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 369Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 370Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 371Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 372Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 444 page
background image
Peripherals
When the write command is received the TWI slave will enter the RX state if the internal 'RX prepared' flag
is set.
If the internal 'RX prepared' flag is not set when the write command is received, the TWI slave will stretch
the master's clock until the PREPARERX task is triggered and the internal 'RX prepared' flag is set.
The TWI slave will generate the RXSTARTED event and clear the internal 'RX prepared' flag ('unprepare RX')
when it enters the RX state. In this state the TWI slave will be able to receive the bytes sent by the TWI
master. The TWI slave will consume IRX in this mode.
The TWI slave will go back to the IDLE state if the TWI slave receives a restart command when it is in the
RX state.
The TWI slave is stopped when it receives the stop condition from the TWI master. A STOPPED event will
be generated when the transaction has stopped. The TWI slave will clear the internal 'RX prepared' flag
('unprepare RX') and go back to the IDLE state when it has stopped.
The receive buffer is located in RAM at the address specified in the TXD.PTR register. The TWI slave will
only be able to receive as many bytes as specified in the RXD.MAXCNT register. If the TWI master tries to
send more bytes to the slave than the slave is able to receive,these bytes will be discarded and the bytes
will be NACKed by the slave. If this happens, an ERROR event will be generated.
The EasyDMA configuration registers, see RXD.PTR etc., are latched when the RXSTARTED event is
generated.
The TWI slave can be forced to stop by triggering the STOP task. A STOPPED event will be generated when
the TWI slave has stopped. The TWI slave will clear the internal 'RX prepared' flag and go back to the IDLE
state when it has stopped, see also Terminating an ongoing TWI transaction on page 369.
The TWI slave will generate an ACK after every byte received from the master. The RXD.AMOUNT register
can be queried after a transaction to see how many bytes were received.
A typical TWI slave write command response is illustrated in The TWI slave responding to a write
command on page 368. Occurrence 2 in the figure illustrates clock stretching performed by the TWI
slave following a SUSPEND task.
1
3
2
ADDR
0
M-1
M
2
4
Stretch
1
Figure 141: The TWI slave responding to a write command
6.26.4 Master repeated start sequence
An example of a repeated start sequence is one in which the TWI master writes two bytes to the slave
followed by reading four bytes from the slave.
This is illustrated in A repeated start sequence, where the TWI master writes two bytes followed by
reading four bytes from the slave on page 369.
4454_140 v1.0
368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com