Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 370 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 370 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 366Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 367Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 368Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 369Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 370Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 371Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 372Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 373Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 374Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 444 page
background image
Peripherals
TWI slave signal
TWI slave pin
Direction
Output value
Drive strength
SCL
As specified in PSEL.SCL
Input
Not applicable
S0D1
SDA
As specified in PSEL.SDA
Input
Not applicable
S0D1
Table 109: GPIO configuration before enabling peripheral
6.26.8 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
TWIS
TWIS0
Two-wire interface slave
Table 110: Instances
Register
Offset
Description
TASKS_STOP
0x014
Stop TWI transaction
TASKS_SUSPEND
0x01C
Suspend TWI transaction
TASKS_RESUME
0x020
Resume TWI transaction
TASKS_PREPARERX
0x030
Prepare the TWI slave to respond to a write command
TASKS_PREPARETX
0x034
Prepare the TWI slave to respond to a read command
EVENTS_STOPPED
0x104
TWI stopped
EVENTS_ERROR
0x124
TWI error
EVENTS_RXSTARTED
0x14C
Receive sequence started
EVENTS_TXSTARTED
0x150
Transmit sequence started
EVENTS_WRITE
0x164
Write command received
EVENTS_READ
0x168
Read command received
SHORTS
0x200
Shortcuts between local events and tasks
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ERRORSRC
0x4D0
Error source
MATCH
0x4D4
Status register indicating which address had a match
ENABLE
0x500
Enable TWIS
PSEL.SCL
0x508
Pin select for SCL signal
PSEL.SDA
0x50C
Pin select for SDA signal
RXD.PTR
0x534
RXD Data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in RXD buffer
RXD.AMOUNT
0x53C
Number of bytes transferred in the last RXD transaction
RXD.LIST
0x540
EasyDMA list type
TXD.PTR
0x544
TXD Data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in TXD buffer
TXD.AMOUNT
0x54C
Number of bytes transferred in the last TXD transaction
TXD.LIST
0x550
EasyDMA list type
ADDRESS[0]
0x588
TWI slave address 0
ADDRESS[1]
0x58C
TWI slave address 1
CONFIG
0x594
Configuration register for the address match mechanism
ORC
0x5C0
Over-read character. Character sent out in case of an over-read of the transmit buffer.
Table 111: Register overview
6.26.8.1 TASKS_STOP
Address offset: 0x014
Stop TWI transaction
4454_140 v1.0
370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com