Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

52719 Datasheet(PDF) 15 Page - Wiha Tools

Part # 52719
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52719 Datasheet(HTML) 15 Page - Wiha Tools

Back Button 52719 Datasheet HTML 11Page - Wiha Tools 52719 Datasheet HTML 12Page - Wiha Tools 52719 Datasheet HTML 13Page - Wiha Tools 52719 Datasheet HTML 14Page - Wiha Tools 52719 Datasheet HTML 15Page - Wiha Tools 52719 Datasheet HTML 16Page - Wiha Tools 52719 Datasheet HTML 17Page - Wiha Tools 52719 Datasheet HTML 18Page - Wiha Tools 52719 Datasheet HTML 19Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
15
Ball End
Power Bit Packs, 1
”
Item
No.
Size
mm
lbs.
T9
50
.05
T10
50
.05
T15
50
.05
T20
50
.05
T25
50
.06
T27
50
.06
T30
50
.08
T40
50
.08
25O
Ball End
Screwdriver, With Wiha-SoftFinish® Handle
Blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-Chromtop
finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
T9
60
2.4
4.0
.157
164
6.5
.10
10
T10
60
2.4
4.0
.157
184
7.2
.11
10
T15
80
3.1
4.0
.157
191
7.5
.11
10
T20
80
3.1
4.0
.157
211
8.3
.11
10
T25
100
3.9
4.5
.177
218
8.6
.12
10
T27
115
4.5
5.5
.216
233
9.2
.19
10
T30
115
4.5
6.0
.236
233
9.2
.20
10
Set 7 Pcs.
Blade high
alloy CVM steel, hardened, hard chromed.
Wiha-Chromtop finish on tips. SoftFinish®
handle, multi-component, cushion grips.
Item
No.
Size mm
Size mm
lbs.
T9
60
T25 100
1.24
T10 60
T27 115
T15 80
T30 115
T20 80
Ball End
L-key, Long Arm
High alloy CVM steel, hardened, black finish.
Item
No.
Size mm Inch mm Inch lbs.
T9
111 4.4 21 .83 .17
T10 121 4.8 23 .91 .23
T15 136 5.4 27 1.1 .33
T20 148 5.8 29 1.1 .44
T25 163 6.4 33 1.3 .65
T27 176 6.9 36 1.4 .98
T30 191 7.5 38 1.5 1.27
T40 210 8.3 43 1.7 2.09
T45 232 9.1 50 2.0 2.34
Ball End
L-key Set, 8 Pc.
in Plastic Holder Equipped with T9, T10, T15,
T20, T25, T27, T30, T40
Item
No.
lbs.
pkg.
6.16
1
Wiha Ball End
L-keys
Ball End
Power Bits
Wiha Ball End
Screwdrivers
Ball End
Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size
mm
pkg.
lbs.
T9
50
10
.18
T10
50
10
.18
T15
50
10
.18
T20
50
10
.18
T25
50
10
.18
T27
50
10
.18
T30
50
10
.18
T40
50
10
.18
• Ball End For 25O Angle Driving
• Precision Machined Exact Fit Tips
• Through Hardened For Maximum Durability
• WIHA High Performance CRM-72 Tool Steel
• Guaranteed Quality Made By Wiha
25O
25O
2 bit
pack
25O
25O
Wiha ErgoStar Ball End
Long L-keys
ErgoStar
Long Arm Set,
13 Pc. In Molded Holder Equipped with T5,
T6, T7, T8, T9, T10, T15, T20, T25, T27, T30,
T40, T45
Item No.
lbs.
pkg.
1.08
1
25O
pkg.
10
10
10
10
10
10
10
10
10
www.wihatools.com
362
36216
36217
36221
36222
36226
36227
36236
366
36631
36632
36633
36634
36635
36636
36637
36638
36639
36692
36692
36237
36237
745
74524
74526
74528
74532
74534
74537
74539
74541
745
74505
74520
74522
74543
74545
74547
74549
74550
36689
36689



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com