Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

52719 Datasheet(PDF) 26 Page - Wiha Tools

Part # 52719
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52719 Datasheet(HTML) 26 Page - Wiha Tools

Back Button 52719 Datasheet HTML 22Page - Wiha Tools 52719 Datasheet HTML 23Page - Wiha Tools 52719 Datasheet HTML 24Page - Wiha Tools 52719 Datasheet HTML 25Page - Wiha Tools 52719 Datasheet HTML 26Page - Wiha Tools 52719 Datasheet HTML 27Page - Wiha Tools 52719 Datasheet HTML 28Page - Wiha Tools 52719 Datasheet HTML 29Page - Wiha Tools 52719 Datasheet HTML 30Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
CushionGrip
Stubby Bit Holders
Wiha Cushion Grip Pop-Up
Bit Holder Set
Magnetic 1/4” Bit Holder With
Wiha SoftFinish® Stubby Handle Stainless
steel with strong magnet. Wiha-SoftFinish®
handle multi-component, cushion grips.
Item
No.
Inch mm Inch lbs. pkg.
1/4” 57
2.2
.11 1
For working in confined spaces
SoftFinish® CushionGrip
Stubby Bit Holder with Wiha cushion grip
handle and CVM tool steel shaft.
Includes The Following 1/4” Bits:
lbs.
: T8, T10, T15,
.20
T20, T25, T30
10 Pack
Insert Bit Pack
CVM S2 modified tool steel.
lbs.
: T7, T8, T9, T10,
.16
T15, T20, T25, T27, T30, T40 x 1”
Wiha Insert Bit Blister Pack
Security
SoftFinish®
CushionGrip Stubby Bit Holder with Wiha
cushion grip handle and CVM tool steel shaft.
Includes The Following 1/4” Bits:
lbs. .20
Security
: T8s, T10s,
T15s, T20s, T25s, T30s
Pop-Up Bit Screwdriver
Set with Wiha Cushion Grip handle, multi-
component. Compact storage holds12 bits.
Set includes the following 1/4” bits:
lbs.
: T5, T6, T7, T8, T9, T10,
.42
T15, T20, T25, T27, T30, T40
Bit holder stainless
steel, magnetic
Security
Pop-Up Bit
Screwdriver Set Wiha Cushion Grip handle,
multi-component
. Compact storage for 6 bits
in the handle.
lbs. .44
Includes The Following 75mm 1/4” Bits:
Security
:
T10s, T15s, T20s, T25s, T27s, T30s
Bit holder stainless
steel, magnetic
75mm Bits
Security
Pop-Up Bit
Screwdriver Set Wiha Cushion Grip handle,
multi-component
. Compact storage for 12 bits
in the handle.
lbs. .42
Includes The Following 1/4” Bits:
: T5, T6
Security
: T7s, T8s, T9s, T10s,
T15s, T20s, T25s, T27s, T30s, T40s
Bit holder stainless
steel, magnetic
Wiha Pop-Up Bit
Screwdriver Sets
11 Piece
Insert Bit Pack &
Socket Set CVM S2 modified tool steel.
1/4” to 3/8” Drive Socket
1/4” Bits: T10, T15, T20, T25, T27, T30
5/16” to 3/8” Drive Socket
5/16” Bits: T40, T45, T50
Wiha Insert Bit & Socket Set
Toll Free: (800) 494-6104
38045
38047
28103
28103
38042
72595
72595
38046
38044
72590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com