Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

52719 Datasheet(PDF) 18 Page - Wiha Tools

Part # 52719
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52719 Datasheet(HTML) 18 Page - Wiha Tools

Back Button 52719 Datasheet HTML 14Page - Wiha Tools 52719 Datasheet HTML 15Page - Wiha Tools 52719 Datasheet HTML 16Page - Wiha Tools 52719 Datasheet HTML 17Page - Wiha Tools 52719 Datasheet HTML 18Page - Wiha Tools 52719 Datasheet HTML 19Page - Wiha Tools 52719 Datasheet HTML 20Page - Wiha Tools 52719 Datasheet HTML 21Page - Wiha Tools 52719 Datasheet HTML 22Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
L-key, Short Arm
High alloy CVM steel, hardened, black finish.
Item
No.
Size mm Inch mm Inch lbs.
IP6 39 1.5 16 .6
.01
IP7 42 1.7 16 .6
.01
IP8 45 1.8 16 .6
.01
IP9 48 1.9 16 .6
.01
IP10 51 2.0 17 .7
.01
IP15 55 2.2 19 .7
.01
IP20 58 2.3 19 .7
.01
IP25 63 2.5 21 .8
.01
IP27 68 2.7 22 .9
.02
IP30 73 2.9 24 .9
.03
IP40 81 3.2 26 1.0 .05
L-key, Long Arm
High alloy CVM steel, hardened, black finish.
Item
No.
Size mm Inch mm Inch lbs.
IP6 64
2.5 14 .6
.01
IP7 68
2.7 14 .6
.01
IP8 74
2.9 15 .6
.01
IP9 78
3.1 16 .6
.01
IP10 83
3.3 18 .7
.01
IP15 88
3.5 18 .7
.02
IP20 94
3.7 18 .7
.02
IP25 98
3.9 19 .7
.03
IP27 107 4.2 23 .9
.05
IP30 114 4.5 24 .9
.06
IP40 118 4.6 27 1.0 .09
L-key, Short Arm,
9 Pc. Set In Holder
Item
Set includes the following L-keys:
No.
lbs. IP8, IP9, IP10, IP15, IP20,
.30
IP25, IP27, IP30, IP40
L-key, Long Arm,
7 Pc. Set In Holder
High alloy CVM steel, hardened, black finish.
Item
No.
lbs. Set includes the following L-keys:
.22 IP6, IP7, IP8, IP9, IP10, IP15, IP20
L-key, Long Arm,
9 Pc. Set In Holder
Item
Set includes the following L-keys:
No.
lbs.
IP8, IP9, IP10, IP15, IP20,
.35
IP25, IP27, IP30, IP40
L-key, Short Arm,
7 Pc. Set In Holder
High alloy CVM steel, hardened, black finish.
Item No.
lbs. Set includes the following L-keys:
.10
IP6, IP7, IP8, IP9, IP10, IP15, IP20
Not for use in standard
Torx fasteners
Not for use in standard
Torx fasteners
For Improved Torque and Longer Tool Life
Laser Welded
MagicSpring
Assembly
MagicSpring Screw Holding
L-key, Long Arm
High alloy CVM steel, hardened, black finish.
Item
No.
Size mm Inch mm Inch lbs.
T6
14 .55 80
3.1 .001
T7
16 .63 88
3.5 .002
T8
18 .71 101 4.0 .003
T9
19 .75 111 4.4 .005
T10 21 .83 121 4.8 .007
T15 22 .87 136 5.4 .009
T20 25 .98 148 5.8 .01
T25 28 1.1 163 6.4 .02
T27 30 1.2 176 6.9 .03
T30 34 1.3 191 7.5 .04
T40 36 1.4 210 8.3 .07
MagicSpring Long Arm Screw
Holding
Set, 7 Pc. in Plastic Holder
Equipped with T6, T7, T8, T9, T10, T15, T20
Item
No.
lbs.
pkg.
.20
1
MagicSpring
Tools
MagicSpring Long Arm Screw
Holding
Set, 10 Pc. in Plastic Holder
T6, T7, T8, T9, T10, T15, T20, T25, T27, T30
Item
No.
lbs.
pkg.
.35
1
Toll Free: (800) 494-6104
361
36106
36107
36108
36109
36110
36115
36120
36125
36127
36130
36140
36606
36607
36608
36609
36610
36615
36620
36625
36627
36630
36640
366
36197
36197
36690
36690
36199
36199
36691
36691
37106
37107
37108
37109
37110
37115
37120
37125
37127
37130
37140
371
37190
37190
37192
37192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com